Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3541IDBVT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV3541IDBVT.B
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3541IDBVT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV3541IDBVT.B Datasheet HTML 17Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 18Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 19Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 20Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 21Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 22Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 23Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 24Page - Texas Instruments TLV3541IDBVT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
21
TLV3541, TLV3542, TLV3544
www.ti.com
SBOS756 – OCTOBER 2016
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
System Examples (continued)
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter can be used for this
task, as shown in Figure 31. For best results, the amplifier must have a bandwidth that is eight to ten times the
filter frequency bandwidth. Failure to follow this guideline can result in phase shift of the amplifier.
Figure 31. Two-Pole, Low-Pass, Sallen-Key Filter
9 Power Supply Recommendations
The TLV354x family is specified from 2.7 V to 5.5 V (±1.35 V to ±2.75 V), although the devices can operate from
2.5 V to 5.5 V (±1.25 V to ±2.75 V); many specifications apply from –40°C to +125°C. Typical Characteristics
presents parameters that can exhibit significant variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 7.5 V can permanently damage the device. (See the
Absolute Maximum Ratings table).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see Layout
Guidelines.
9.1 Input and ESD Protection
The TLV354x family incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case
of input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit, input overdrive protection, as long
as the current is limited to 10 mA, as stated in the Absolute Maximum Ratings table. Figure 32 shows how a
series input resistor can be added to the driven input to limit the input current. The added resistor contributes
thermal noise at the amplifier input, which must be kept to a minimum in noise-sensitive applications.
Figure 32. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com