Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IPE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV2371IPE4
Description  TLV237x 500-μA/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2371IPE4 Datasheet(HTML) 2 Page - Texas Instruments

  TLV2371IPE4 Datasheet HTML 1Page - Texas Instruments TLV2371IPE4 Datasheet HTML 2Page - Texas Instruments TLV2371IPE4 Datasheet HTML 3Page - Texas Instruments TLV2371IPE4 Datasheet HTML 4Page - Texas Instruments TLV2371IPE4 Datasheet HTML 5Page - Texas Instruments TLV2371IPE4 Datasheet HTML 6Page - Texas Instruments TLV2371IPE4 Datasheet HTML 7Page - Texas Instruments TLV2371IPE4 Datasheet HTML 8Page - Texas Instruments TLV2371IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
2
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Tables................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 8
7.1
Absolute Maximum Ratings ...................................... 8
7.2
Recommended Operating Conditions ....................... 8
7.3
Thermal Information: TLV2370 ................................. 9
7.4
Thermal Information: TLV2371 ................................. 9
7.5
Thermal Information: TLV2372 ................................. 9
7.6
Thermal Information: TLV2373 ............................... 10
7.7
Thermal Information: TLV2374 ............................... 10
7.8
Thermal Information: TLV2375 ............................... 10
7.9
Electrical Characteristics......................................... 11
7.10
Typical Characteristics .......................................... 15
8
Detailed Description ............................................ 22
8.1
Overview ................................................................. 22
8.2
Functional Block Diagram ....................................... 22
8.3
Feature Description................................................. 22
8.4
Device Functional Modes........................................ 24
9
Application and Implementation ........................ 25
9.1
Application Information............................................ 25
9.2
Typical Application .................................................. 25
10
Power Supply Recommendations ..................... 27
11
Layout................................................................... 27
11.1
Layout Guidelines ................................................. 27
11.2
Layout Example .................................................... 27
11.3
Power Dissipation Considerations ........................ 28
12
Device and Documentation Support ................. 29
12.1
Documentation Support ........................................ 29
12.2
Related Links ........................................................ 29
12.3
Receiving Notification of Documentation Updates 29
12.4
Community Resources.......................................... 29
12.5
Trademarks ........................................................... 29
12.6
Electrostatic Discharge Caution ............................ 29
12.7
Glossary ................................................................ 29
13
Mechanical, Packaging, and Orderable
Information ........................................................... 30
4 Revision History
Changes from Revision E (May 2016) to Revision F
Page
•
Changed names of pins 2 and 3 in TLV2372 D, DGK, and P packages pinout diagram ...................................................... 4
Changes from Revision D (January 2005) to Revision E
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted TLV2370 and TLV2371 Available Options, TLV2372 AND TLV2373 Available Options, and TLV2374 and
TLV2375 Available Options tables ......................................................................................................................................... 3
•
Deleted Continuous total power dissipation and lead temperature specifications from Absolute Maximum Ratings table ... 8
•
Deleted Dissipation Ratings table ........................................................................................................................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com