Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3544IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV3544IPWR
Description  TLV354x 200-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3544IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV3544IPWR Datasheet HTML 1Page - Texas Instruments TLV3544IPWR Datasheet HTML 2Page - Texas Instruments TLV3544IPWR Datasheet HTML 3Page - Texas Instruments TLV3544IPWR Datasheet HTML 4Page - Texas Instruments TLV3544IPWR Datasheet HTML 5Page - Texas Instruments TLV3544IPWR Datasheet HTML 6Page - Texas Instruments TLV3544IPWR Datasheet HTML 7Page - Texas Instruments TLV3544IPWR Datasheet HTML 8Page - Texas Instruments TLV3544IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
-
IN A
-
IN B
+IN A
+IN B
OUT A
OUT B
V
-
V+
1
2
3
4
8
7
6
5
A
B
1
2
3
4
8
7
6
5
NC
(1)
NC
(1)
NC
(1)
-IN
+IN
V-
OUT
V+
-
IN
+IN
V
-
OUT
V+
1
2
3
5
4
3
TLV3541, TLV3542, TLV3544
www.ti.com
SBOS756 – OCTOBER 2016
Product Folder Links: TLV3541 TLV3542 TLV3544
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV3541: DBV Package
5-Pin SOT-23
Top View
TLV3541: D Package
8-Pin SOIC
Top View
(1)
NC means no internal connection.
Pin Functions: TLV3541
PIN
I/O
DESCRIPTION
NAME
DBV (SOT-23)
D (SOIC)
–IN
4
2
I
Inverting input
+IN
3
3
I
Noninverting input
NC
—
1, 5, 8
—
No internal connection (can be left floating)
OUT
1
6
O
Output
V–
2
4
—
Negative (lowest) supply
V+
5
7
—
Positive (highest) supply
TLV3542: DGK and D Packages
8-Pin VSSOP, SOIC
Top View
Pin Functions: TLV3542
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
V–
4
—
Negative (lowest) supply
V+
8
—
Positive (highest) supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com