Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV6001UIDBVR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV6001UIDBVR
Description  TLV600x Low-Power, Rail-to-Rail In/Out, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV6001UIDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV6001UIDBVR Datasheet HTML 12Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 13Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 14Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 15Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 16Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 17Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 18Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 19Page - Texas Instruments TLV6001UIDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
V
IN
V
OUT
V+
R
S
10
to
20
W
W
R
L
C
L
Device
16
TLV6001, TLV6002, TLV6004
SBOS779D – JUNE 2016 – REVISED MAY 2017
www.ti.com
Product Folder Links: TLV6001 TLV6002 TLV6004
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
One technique for increasing the capacitive load drive capability of the amplifier when it operates in a unity-gain
configuration is to insert a small resistor, typically 10!~ !~ -Ω to 20!~ !~ -Ω, in series with the output, as shown in
Figure 19. This resistor significantly reduces the overshoot and ringing associated with large capacitive loads.
One possible problem with this technique is that a voltage divider is created with the added series resistor and
any resistor connected in parallel with the capacitive load. The voltage divider introduces a gain error at the
output that reduces the output swing.
Figure 19. Improving Capacitive Load Drive
8.3.6 EMI Susceptibility and Input Filtering
Operational amplifiers vary with regard to the susceptibility of the device to electromagnetic interference (EMI). If
conducted EMI enters the op amp, the dc offset observed at the amplifier output may shift from the nominal value
while EMI is present. This shift is a result of signal rectification associated with the internal semiconductor
junctions. While all op amp pin functions may be affected by EMI, the signal input pins are likely to be the most
susceptible. The TLV600x family incorporates an internal input low-pass filter that reduces the amplifiers
response to EMI. Common-mode and differential mode filtering are provided by this filter. The filter is designed
for a cutoff frequency of approximately 35 MHz (–3 dB), with a !~ roll-off!~ rolloff of 20 dB per decade.
Texas Instruments has developed the ability to accurately measure and quantify the immunity of an operational
amplifier over a broad frequency spectrum extending from 10 MHz to 6 GHz. The EMI rejection ratio (EMIRR)
metric allows op amps to be directly compared by the EMI immunity. Figure 18 illustrates the results of this
testing on the TLV600x family. Detailed information may be found in EMI Rejection Ratio of Operational
Amplifiers (SBOA128), available for download from www.ti.com.
8.4 Device Functional Modes
The TLV600x have a single functional mode. The devices are powered on as long as the power-supply voltage is
between 1.8 V (±0.9 V) and 5.5 V (±2.75 V).
8.5 Input and ESD Protection
The TLV600x incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case of
input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. The ESD protection diodes provide in-circuit, input overdrive protection, as long as the
current is limited to 10 mA, as stated in the Absolute Maximum Ratings table. Figure 20 shows how a series
input resistor may be added to the driven input to limit the input current. The added resistor contributes thermal
noise at the amplifier input and the value must be kept to a minimum in noise-sensitive applications.
Figure 20. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com