| Electronic Components Datasheet Search |
|
TLV62569DBVT Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV62569DBVT Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 30 page ![]() L1 R1 R2 C1 C2 VIN VOUT GND SW EN PG FB VIN GND VIN PAC101 PAC601 PAR201 PAR202 PAR201 VIN FB SW GND EN VIN VOUT GND C2 L1 C1 R1 R2 13 TLV62569, TLV62569P www.ti.com SLVSDG1C – DECEMBER 2016 – REVISED OCTOBER 2017 Product Folder Links: TLV62569 TLV62569P Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated 10 Layout 10.1 Layout Guidelines The PCB layout is an important step to maintain the high performance of the TLV62569 device. • The input/output capacitors and the inductor should be placed as close as possible to the IC. This keeps the power traces short. Routing these power traces direct and wide results in low trace resistance and low parasitic inductance. • The low side of the input and output capacitors must be connected properly to the power GND to avoid a GND potential shift. • The sense traces connected to FB are signal traces. Special care should be taken to avoid noise being induced. Keep these traces away from SW nodes. • GND layers might be used for shielding. 10.2 Layout Example Figure 20. TLV62569DBV Layout Figure 21. TLV62569PDRL Layout 10.3 Thermal Considerations Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, convection surfaces, and the presence of other heat-generating components affect the power dissipation limits of a given component. Two basic approaches for enhancing thermal performance are listed below: • Improving the power dissipation capability of the PCB design • Introducing airflow in the system For more details on how to use the thermal parameters, see the application notes: Thermal Characteristics Application Notes SZZA017 and SPRA953. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |