Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVM13630 Datasheet(PDF) 20 Page - Texas Instruments

Part # TLVM13630
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13630 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLVM13630 Datasheet HTML 16Page - Texas Instruments TLVM13630 Datasheet HTML 17Page - Texas Instruments TLVM13630 Datasheet HTML 18Page - Texas Instruments TLVM13630 Datasheet HTML 19Page - Texas Instruments TLVM13630 Datasheet HTML 20Page - Texas Instruments TLVM13630 Datasheet HTML 21Page - Texas Instruments TLVM13630 Datasheet HTML 22Page - Texas Instruments TLVM13630 Datasheet HTML 23Page - Texas Instruments TLVM13630 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
10
FB
14 EN
RUV1
1 M
VOUT1 = 5 V
RFB1
RFB2
40.2 k
10 k
1 V
10
FB
14
RPG
100 k
RFB3
RFB4
23.2 k
10 k
1 V
VOUT2 = 3.3 V
VIN(on) = 13.9 V
VIN(off) = 10 V
Regulator #1
Start-up based on
input voltage UVLO
Regulator #2
Sequential start-up
based on PG
PG 13
PG 13
RUV2
100 k
EN
Figure 7-4. TLVM13630 Sequencing Implementation Using PG and EN
7.3.8 Internal LDO, VCC Output, and VLDOIN Input
The TLVM13630 has an internal LDO to power internal circuitry. The VCC pin is the output of the internal LDO.
This pin must not be used to power external circuitry. Connect a high-quality, 1-μF capacitor from this pin to
AGND, close to the device pins. Do not load the VCC pin or short it to ground.
The VLDOIN pin is an optional input to the internal LDO. Connect an optional high quality 0.1-µF to 1-µF
capacitor from this pin to ground for improved noise immunity.
The LDO generates the VCC voltage from one of the two inputs: VIN or the VLDOIN input. When VLDOIN is tied
to ground or below 3.1 V, the LDO is powered from VIN. When VLDOIN is tied to a voltage higher than 3.1 V, the
LDO input is powered from VLDOIN. VLDOIN voltage must be lower than both VIN and 12.5 V.
The VLDOIN input is designed to reduce the LDO power loss. The LDO power loss is:
PLDO-LOSS = ILDO × (VIN_LDO – VVCC)
(7)
The higher the difference between the input and output voltages of the LDO, the more loss occurs to supply the
same LDO output current. The VLDOIN input provides an option to supply the LDO with a lower voltage than
VIN, to reduce the difference of the input and output voltages of the LDO and reduce power loss. For example, if
the LDO current is 10 mA at a certain frequency with VIN = 24 V and VOUT = 5 V. The LDO loss with VLDOIN tied
to ground is equal to 10 mA × (24 V – 3.3 V) = 207 mW, while the loss with VLDOIN tied to VOUT (5 V) is equal to
10 mA × (5 V – 3.3 V) = 17 mW.
The efficiency improvement is more significant at light and mid loads because the LDO loss is a higher
percentage of the total loss. The improvement is more significant with higher switching frequency because
the LDO current is higher at higher switching frequency. The improvement is more significant when VIN » VOUT
because the voltage difference is higher.
Figure 7-5 shows typical efficiency waveforms with VLDOIN powered by different input voltages.
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com