Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVM13620 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLVM13620
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13620 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLVM13620 Datasheet HTML 24Page - Texas Instruments TLVM13620 Datasheet HTML 25Page - Texas Instruments TLVM13620 Datasheet HTML 26Page - Texas Instruments TLVM13620 Datasheet HTML 27Page - Texas Instruments TLVM13620 Datasheet HTML 28Page - Texas Instruments TLVM13620 Datasheet HTML 29Page - Texas Instruments TLVM13620 Datasheet HTML 30Page - Texas Instruments TLVM13620 Datasheet HTML 31Page - Texas Instruments TLVM13620 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
8.2.2 Design 2: Inverting Buck-Boost Regulator with a –5-V Output
Figure 8-12 shows the schematic diagram of a –5-V inverting buck-boost regulator with a switching frequency of
1 MHz. The input voltage range for the sample design is 12 V to 24 V.
PG
EN
RT
PGND
AGND
VOUT
FB
VLDOIN
VIN
PGND
VIN
CIN2
COUT
RFBB
TLVM13630
RRT
RENT
RENB
Optional
external bias
VIN(on) = 8.9 V
VCC
CIN1
VOUT
2
47 F
13 k
10 k
40.2 k
4.7 F
4.7 F
100 k
604 k
RFBT
PGND
1 F
CVCC
VIN = 12 V to 24 V
CIN3
10 F
VIN+
VIN–
–VOUT
–VOUT
IOUT(max) = –2 A
VOUT = –5 V
VOUT–
–VOUT
–VOUT
Optional
Schottky
Diode
Figure 8-12. Circuit Schematic
8.2.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-3 as the input parameters and follow the design
procedures in Section 8.2.2.2.
Table 8-3. Design Example Parameters
DESIGN PARAMETER
VALUE
Input voltage
12 to 24 V
Output voltage
–5 V
Output current
0 A to 2 A
Switching frequency
1 MHz
Table 8-4 gives the selected module power-stage components with availability from multiple vendors. This
design uses an all-ceramic output capacitor implementation.
Table 8-4. List of Materials for Application Circuit 2
REFERENCE
DESIGNATOR
QTY
SPECIFICATION
MANUFACTURER(1)
PART NUMBER
CIN1, CIN2, CIN3
3
4.7 µF, 50 V, X7R, 1210, ceramic
Taiyo Yuden
UMK325B7475KN-TR
TDK
CGA6P3X7R1H475K250AB
4.7 µF, 50 V, X7S, 1206, ceramic
Murata
GCM31CC71H475KA03K
COUT1, COUT2
2
47 µF, 10 V, X7R, 1210, ceramic
Murata
GRM32ER71A476ME15L
AVX
1210ZC476MAT2A
CVCC
1
1 µF, 16 V, X7R, 0603, ceramic
Murata
GCM188R71C105KA64J
U1
1
TLVM13630 36-V, 3-A synchronous buck module
Texas Instruments
TLVM13630RDLR
More generally, the TLVM13630 module is designed to operate with a wide range of external components
and system parameters. However, the integrated loop compensation is optimized for a certain range of output
capacitance.
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com