Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9302IDRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV9302IDRG4
Description  TLV930x 40-V, 1-MHz, RRO Operational Amplifiers for Cost-Sensitive Systems
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9302IDRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9302IDRG4 Datasheet HTML 17Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 18Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 19Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 20Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 21Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 22Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 23Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 24Page - Texas Instruments TLV9302IDRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
7.3.6 Common-Mode Voltage Range
The TLV930x is a 40-V, rail-to-rail output operational amplifier with an input common-mode range that extends
100 mV beyond V– and within 2 V of V+ for normal operation. The device accomplishes this performance
through a complementary input stage, using a P-channel differential pair. Additionally, a complementary N-
channel differential pair has been included in parallel with the P-channel pair to eliminate common undesirable
op amp behaviors, such as phase reversal.
The TLV930x can operate with common mode ranges beyond 100 mV of the top rail, but with reduced
performance above (V+) – 2 V. The N-channel pair is active for input voltages close to the positive rail, typically
(V+) – 1 V to 100 mV above the positive supply. The P-channel pair is active for inputs from 100 mV below the
negative supply to approximately (V+) – 2 V. There is a small transition region, typically (V+) –2 V to (V+) – 1
V in which both input pairs are on. This transition region can vary modestly with process variation, and within
the transition region and N-channel region, many specifications of the op amp, including PSRR, CMRR, offset
voltage, offset drift, noise and THD performance may be degraded compared to operation within the P-channel
region.
Table 7-2. Typical Performance for Common-Mode Voltages Within 2 V of the Positive Supply
PARAMETER
MIN
TYP
MAX
UNIT
Input common-mode voltage
(V+) – 2
(V+) + 0.1
V
Offset voltage
1.5
mV
Offset voltage drift
2
µV/°C
Common-mode rejection
75
dB
Open-loop gain
75
dB
Gain-bandwidth product
0.7
MHz
www.ti.com
TLV9301, TLV9302, TLV9304
SBOS941D – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9301 TLV9302 TLV9304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com