Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9102IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV9102IPWR
Description  TLV910x 16-V, 1-MHz, Rail-to-Rail Input/Output, Low Power Op Amp
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9102IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9102IPWR Datasheet HTML 17Page - Texas Instruments TLV9102IPWR Datasheet HTML 18Page - Texas Instruments TLV9102IPWR Datasheet HTML 19Page - Texas Instruments TLV9102IPWR Datasheet HTML 20Page - Texas Instruments TLV9102IPWR Datasheet HTML 21Page - Texas Instruments TLV9102IPWR Datasheet HTML 22Page - Texas Instruments TLV9102IPWR Datasheet HTML 23Page - Texas Instruments TLV9102IPWR Datasheet HTML 24Page - Texas Instruments TLV9102IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-37. Large-Signal Step Response (Falling)
Time (1µs/div)
C005
Input
Output
CL = 20 pF, G = 1
Figure 6-38. Large-Signal Step Response (Rising)
Time (2µs/div)
C021
Input
Output
CL = 10 pF, G = –1
Figure 6-39. Large-Signal Step Response
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-100
-80
-60
-40
-20
0
20
40
60
80
100
D038
Sourcing
Sinking
Figure 6-40. Short-Circuit Current vs Temperature
Frequency (Hz)
0
5
10
15
20
1k
10k
100k
1M
10M
C020
VS = 15 V
VS = 2.7 V
Figure 6-41. Maximum Output Voltage vs Frequency
Frequency (Hz)
-130
-120
-110
-100
-90
-80
-70
-60
100
1k
10k
100k
1M
10M
C014
Figure 6-42. Channel Separation vs Frequency
www.ti.com
TLV9101, TLV9102, TLV9104
SBOS943E – FEBRUARY 2019 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9101 TLV9102 TLV9104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com