Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV9052IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV9052IPWR
Description  TLV9051 / TLV9052 / TLV9054 5MHz, 15V/μs High Slew-Rate, RRIO Op Amp
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9052IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV9052IPWR Datasheet HTML 4Page - Texas Instruments TLV9052IPWR Datasheet HTML 5Page - Texas Instruments TLV9052IPWR Datasheet HTML 6Page - Texas Instruments TLV9052IPWR Datasheet HTML 7Page - Texas Instruments TLV9052IPWR Datasheet HTML 8Page - Texas Instruments TLV9052IPWR Datasheet HTML 9Page - Texas Instruments TLV9052IPWR Datasheet HTML 10Page - Texas Instruments TLV9052IPWR Datasheet HTML 11Page - Texas Instruments TLV9052IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
1
IN1+
12
IN4+
2
V+
11
V±
3
IN2+
10
IN3+
4
IN2±
9
IN3±
Not to scale
Thermal
Pad
Connect exposed thermal pad to V–. See Section 7.3.6 for more information.
Figure 5-12. TLV9054S RTE Package 16-Pin WQFN With Exposed Thermal Pad Top View
Table 5-6. Pin Functions: TLV9054S
PIN
I/O
DESCRIPTION
NAME
NO.
IN1+
1
I
Noninverting input, channel 1
IN1–
16
I
Inverting input, channel 1
IN2+
3
I
Noninverting input, channel 2
IN2–
4
I
Inverting input, channel 2
IN3+
10
I
Noninverting input, channel 3
IN3–
9
I
Inverting input, channel 3
IN4+
12
I
Noninverting input, channel 4
IN4–
13
I
Inverting input, channel 4
SHDN12
6
I
Shutdown: low = amp disabled, high = amp enabled, channel 1 and 2. See Section 7.3.9 for
more information.
SHDN34
7
I
Shutdown: low = amp disabled, high = amp enabled, channel 3 and 4. See Section 7.3.9 for
more information.
OUT1
15
O
Output, channel 1
OUT2
5
O
Output, channel 2
OUT3
8
O
Output, channel 3
OUT4
14
O
Output, channel 4
V–
11
—
Negative (low) supply or ground (for single-supply operation)
V+
2
—
Positive (high) supply
TLV9051, TLV9052, TLV9054
SBOS942J – AUGUST 2018 – REVISED FEBRUARY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9051 TLV9052 TLV9054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com