Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPST10H100-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST10H100-Y
Description  Automotive 100 V - 10 A power Schottky trench diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST10H100-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPST10H100-Y Datasheet HTML 1Page - STMicroelectronics STPST10H100-Y Datasheet HTML 2Page - STMicroelectronics STPST10H100-Y Datasheet HTML 3Page - STMicroelectronics STPST10H100-Y Datasheet HTML 4Page - STMicroelectronics STPST10H100-Y Datasheet HTML 5Page - STMicroelectronics STPST10H100-Y Datasheet HTML 6Page - STMicroelectronics STPST10H100-Y Datasheet HTML 7Page - STMicroelectronics STPST10H100-Y Datasheet HTML 8Page - STMicroelectronics STPST10H100-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
AEC-Q101 qualified
•
PPAP capable
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
100% Avalanche tested in production
•
Operating Tj from -40 °C to +175 °C
•
Flat packages
•
ECOPACK2 compliant
Applications
•
Automotive LED lighting
•
Flyback topology
•
On-board DC/DC converter
•
ECU power supply
Description
This 10 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface.
Integrated in flat and space-saving packages, this STPST10H100-Y trench, and
automotive-graded device is intended to be used in high frequency miniature
switched mode power supplies such as in automotive, DC/DC converters or ECU
power supply. It is also adapted to freewheeling applications, OR-ring, or reverse
polarity protection.
Product label
Product status link
STPST10H100-Y
Product summary
IF(AV)
10 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.565 V
Automotive 100 V - 10 A power Schottky trench diode
STPST10H100-Y
Datasheet
DS13613 - Rev 3 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST10H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
100 V - 10 A power Schottky trench diode
28-Jan-2021
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
558Kb / 9P
100 V - 10 A power Schottky trench diode
21-Jul-2023
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
513Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
21-Jul-2023
STPST10H100SB-TR STMICROELECTRONICS-STPST10H100SB-TR Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
More results

Similar Description - STPST10H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
100 V - 10 A power Schottky trench diode
28-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com