Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD20C5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD20C5
Description  1.3mm /1.1mm Ceramic Surface Mount Crystals
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD20C5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD20C5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency (MHz)
ESR (ohms)
Frequency (MHz)
ESR (ohms)
9.000 to 10.999
60
35.000 to 39.990 (3rd OT)
60
11.000 to 13.999
50
40.000 to 49.990 (3rd OT)
60
14.000 to 15.999
40
50.000 to 89.999 (3rd OT)
60
16.000 to 40.000
30
90.000 to 150.000
100
Frequency Range
8.000MHz to 150.000MHz
Frequency Tolerance/Stability
A, B, C, D, E, F
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
0°C to 70°C, -20°C to 70°C, -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
1mW Maximum, 100uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 1996-D
Aging @ 25°C
±3ppm / year Maximum
Shunt Capacitance
7pF Maximum
MECHANICAL DIMENSIONS
Marking Guide
4
7.00
+0.30
-0.20
1.00 ±0.20 (X4)
4.60
±0.20
2.54 ±0.20
5.00
±0.20
1
3
2
4
1
3
2
Pad Connection
1 Crystal In/OUt
2 Ground
3 Crystal in/Out
4 Ground
“H Dimension”
Kovar Lid for
“FMT Series”
Ceramic Base all
All Dimensions in mm.
NOTE: Dimensions for Specific Packages
H = 1.3 Maximum for “F Series”
H = 1.3 Maximum for “FMT Series” / “Metal Lid”
H = 1.1 Maximum for “F11 Series”
H = 1.1 Maximum for “FMT11 Series” / “Metal Lid”
F, F11, FMT, FMT11 Series
1.3mm /1.1mm Ceramic Surface Mount Crystals
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
FMT11 D 20 C 1 29.4912MHz
Package
Mode of Operation
F
= 1.3mm max. ht. / Ceramic Glass Sealed Package
1=Fundamental
F11
= 1.1mm max. ht. / Ceramic Glass Sealed Package
3=Third Overtone
FMT
= 1.3mm max. ht. / Seam Weld “Metal Lid” Package
5=Fifth Overtone
FMT11 = 1.1mm max. ht./ Seam Weld “Metal Lid” Package
Tolerance/Stability
Operating Temperature Range
A=±50/100
G=±20/10
C=0°C to 70°C
B=±50/50
H=±10/10
E=-20°C to 70°C
C=±30/50
J =±10/20
F=-40°C to 85°C
D=±20/30
E=±15/30
Load Capacitance
F=±10/50
S=Series, XX=XXpF (Pico Farads)
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Line 1:
Frequency
Line 2:
CEI YM
CEI
=
Caliber Electronics
YM
=
Date Code (year/month)


Similar Part No. - FD20C5

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
FD20C5 CALIBER-FD20C5 Datasheet
37Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
More results

Similar Description - FD20C5

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
HC-49U MTRONPTI-HC-49U Datasheet
261Kb / 1P
Surface Mount Crystals
HC-49U MTRONPTI-HC-49U_07 Datasheet
257Kb / 2P
Surface Mount Crystals
logo
Abracon Corporation
ABMC2 ABRACON-ABMC2 Datasheet
485Kb / 1P
MICROPROCESSOR CRYSTALS CERAMIC SURFACE MOUNT MINIATURE
logo
EUROQUARTZ limited
86SMX EUROQUARTZ-86SMX Datasheet
47Kb / 1P
SURFACE-MOUNT CRYSTALS
90SMX-SH EUROQUARTZ-90SMX-SH Datasheet
103Kb / 1P
SURFACE-MOUNT CRYSTALS
logo
MTRONPTI
HC49U MTRONPTI-HC49U Datasheet
308Kb / 2P
Surface Mount Crystals
logo
Caliber Electronics Inc...
FA20C1 CALIBER-FA20C1 Datasheet
37Kb / 1P
1.3mm /1.1mm Ceramic Surface Mount Crystals
logo
Mercury United Electron...
M49 MERCURY-M49 Datasheet
109Kb / 1P
Surface Mount Crystals
MJ2 MERCURY-MJ2 Datasheet
105Kb / 1P
Surface Mount Crystals
X22 MERCURY-X22 Datasheet
44Kb / 1P
Surface Mount Crystals
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com