Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX1S953LP Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # PEX1S953LP
Description  1-Port RS232 Serial Adapter Card with 16950 UART
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX1S953LP Datasheet(HTML) 1 Page - StarTech.com Ltd.

  PEX1S953LP Datasheet HTML 1Page - StarTech.com Ltd. PEX1S953LP Datasheet HTML 2Page - StarTech.com Ltd. PEX1S953LP Datasheet HTML 3Page - StarTech.com Ltd. PEX1S953LP Datasheet HTML 4Page - StarTech.com Ltd. PEX1S953LP Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1-Port RS232 Serial Adapter Card with 16950 UART
Product ID: PEX1S953LP
This RS232 Serial Adapter Card lets you add an RS232 DB9 serial port to your computer through a PCI
Express (PCIe) slot. It enables you to interact with serial devices such as card readers, printers, PIN pads,
and modems, at speeds of up-to 921.4Kbps.
Maximum Compatibility
With broad OS support, including for Windows and Linux, this PCI Express card is easy to integrate into
mixed environments. The card comes pre-configured with a low-profile bracket, and includes an optional
full-profile bracket, so installation is easy regardless of the case form factor.
Experience Optimal Technology
This PCIe to serial adapter supports the following features:
•
Compatible with industry standard 16950 UART
•
Supports max baud rate of up-to 921.4Kbps
•
Provides 5/12V power output on Pin 9 when external power is connected
•
128-byte depth FIFO per transmitter and receiver
Supports 9, 8, 7, 6, 5 data bits
www.startech.com
1 800 265 1844


Similar Part No. - PEX1S953LP

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
PEX1S1P950 STARTECH-PEX1S1P950 Datasheet
141Kb / 4P
PCIe Card with Serial and Parallel Port - PCI Express Combo Adapter Card with 1x DB25 Parallel Port & 1x RS232 Serial Port - Expansion/Controller Card - PCIe Printer Card
More results

Similar Description - PEX1S953LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB2-F-1001 ETC2-USB2-F-1001 Datasheet
3Mb / 28P
USB2-F-1001 Full-Speed USB to 1-Port RS232 Adapter
logo
Keysight Technologies
N5462A KEYSIGHT-N5462A Datasheet
5Mb / 8P
RS232/UART Protocol Triggering
logo
Coolgear Inc.
USBG-4X232P1 COOLGEAR-USBG-4X232P1 Datasheet
489Kb / 2P
USB 4-Port Serial Adapter - USB 2.0 to DB-9 Port RS232 with FTDI CHIP
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
USB to Industrial 5Volt RS232 Serial Adapter FTDI
CG-1P232CAN COOLGEAR-CG-1P232CAN Datasheet
298Kb / 2P
1 Port Serial RS232 to CAN Bus Adapter with Metal Case
11/14/2021
CG-232485CBO COOLGEAR-CG-232485CBO Datasheet
161Kb / 1P
2 Port RS232/422/485 Serial to USB 2.0 Combo Adapter
SG-PCIE8SRS422485MOD COOLGEAR-SG-PCIE8SRS422485MOD Datasheet
315Kb / 4P
8 Port Serial RS232/422/485 PCIe Adapter Module
7/16/2021
logo
Black Box Registered Tr...
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
US-735 BLACKBOX-US-735 Datasheet
1Mb / 4P
USB-C to 1 Port RS232 Industrial USB to Serial Adaptor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com