Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD075F/60 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # SMD075F/60
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SMD075F/60 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button SMD075F/60 Datasheet HTML 2Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 3Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 4Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 5Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 6Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 7Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 8Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 9Page - TE Connectivity Ltd SMD075F/60 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
120
RoHS Compliant, ELV Compliant
HF Halogen Free
12
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F
0.05
0.15
15
40
0.50
0.50
0.10
3.80
30.00
S2
femtoSMDC008F
0.08
0.20
12
40
0.50
0.60
0.10
2.80
14.00
S2
femtoSMDC010F
0.10
0.25
12
40
0.50
0.70
0.10
1.70
8.00
S2
femtoSMDC012F
0.12
0.30
9
40
0.50
0.80
0.10
1.10
5.80
S2
femtoSMDC016F
0.16
0.40
9
40
0.50
1.00
0.10
1.00
4.20
S2
femtoSMDC020F
0.20
0.45
9
40
0.50
2.00
0.10
0.70
3.00
S2
femtoSMDC035F
0.35
0.70
6
40
0.50
3.50
0.10
0.28
1.00
S2
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S
0.10
0.30
15
100
0.50
0.50
0.60
1.50
11.00
S2
picoSMDC012S
0.12
0.30
15
100
0.50
1.00
0.10
1.50
9.00
S2
picoSMDC020S
0.20
0.47
9
100
0.50
2.00
0.10
0.75
3.20
S2
picoSMDC035S
0.35
0.75
6
100
0.50
1.75
0.20
0.35
1.40
S2
picoSMDC050S
0.50
1.00
6
100
0.50
8.00
0.10
0.15
0.80
S2
picoSMDC075S*
0.75
1.72
6
40
0.60
8.00
0.10
0.10
0.31
S2
picoSMDC110S*
1.10
2.10
6
40
0.60
8.00
0.20
0.05
0.16
S2
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
0.12
0.39
48
10
0.50
1.00
0.20
1.40
6.50
S2
nanoSMDC016F
0.16
0.45
48
10
0.50
1.00
0.30
1.10
5.00
S2
nanoSMDC020F
0.20
0.42
24
100
0.60
8.00
0.10
0.65
3.10
S2
nanoSMDC025F
0.25
0.58
16
100
0.60
8.00
0.01
0.55
2.30
S2
nanoSMDC035F
0.35
0.75
16
20
0.60
3.50
0.10
0.45
1.35
S2
nanoSMDC050F/13.2
0.50
1.10
13.2
100
0.80
8.00
0.10
0.20
0.75
S2
nanoSMDC075F
0.75
1.50
6
100
0.80
8.00
0.10
0.09
0.30
S2
nanoSMDC110F
1.10
2.20
6
100
0.80
8.00
0.10
0.07
0.20
S2
nanoSMDC150F
1.50
3.00
6
100
0.80
8.00
0.30
0.04
0.11
S2
nanoSMDC200F
2.00
4.00
6
100
1.00
8.00
1.50
0.02
0.072
S2
* Data is preliminary
Part Number
IH
(A)
IT
(A)
VMAX
(VDC)
IMAX
(A)
PD MAX
(W)
Max. Time-to-Trip
(A)
(S)
RMIN
(
Ω)
R1MAX
(
Ω)
Figure for
Dimensions
Table S3 Electrical Characteristics for Surface-mount Devices at Room Temperature
Ambient Temperature (˚C)
200
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
100
120
B
A
A
B
C
C
Figure S1
A=
femtoSMD / picoSMD /
nanoSMD / microSMD /
miniSMD / decaSMD and SMD
B=
miniSMDE190F
C=
SMDH120 and SMDH160
Figure S1 Thermal Derating Curve for Surface-mount Devices
NEW
coming
soon
NEW
NEW
NEW
NEW
NEW
NEW
NEW
coming
soon
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com