Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH112-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH112-Y
Description  Automotive 1 A - 1200 V ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH112-Y Datasheet HTML 1Page - STMicroelectronics STTH112-Y Datasheet HTML 2Page - STMicroelectronics STTH112-Y Datasheet HTML 3Page - STMicroelectronics STTH112-Y Datasheet HTML 4Page - STMicroelectronics STTH112-Y Datasheet HTML 5Page - STMicroelectronics STTH112-Y Datasheet HTML 6Page - STMicroelectronics STTH112-Y Datasheet HTML 7Page - STMicroelectronics STTH112-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.1
Electrical characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
tp
δ=tp/T
IF(AV)(A)
Figure 2. Forward voltage drop versus forward current
(typical values)
IF(A)
0.01
0.10
1.00
10.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Tj = 150 °C
VF(V)
Tj = 25 °C
Figure 3. Forward voltage drop versus forward current
(maximum values)
0.01
0.10
1.00
10.00
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
IF(A)
Tj = 150 °C
VF(V)
Tj = 25 °C
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1. E-04
1. E-03
1. E-02
1. E-01
1. E+00
1. E+01
Single pulse
SMBflat
tp(s)
Zth(j-l)/Rth(j-l)
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
C (pF)
1
10
100
1
10
100
1000
10000
VR(V)
MHz
= 1
F
VOSC = 30 mVRMS
Tj = 25 °C
Figure 6. Thermal resistance junction to ambient versus
copper surface under each lead
0
30
60
90
120
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
SMB-Flat
SCu(cm²)
Epoxy printed board FR4, copper thickness: 70 μm
STTH112-Y
Characteristics
DS10171 - Rev 3
page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com