Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH112UFY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH112UFY
Description  Automotive 1 A - 1200 V ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112UFY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH112UFY Datasheet HTML 1Page - STMicroelectronics STTH112UFY Datasheet HTML 2Page - STMicroelectronics STTH112UFY Datasheet HTML 3Page - STMicroelectronics STTH112UFY Datasheet HTML 4Page - STMicroelectronics STTH112UFY Datasheet HTML 5Page - STMicroelectronics STTH112UFY Datasheet HTML 6Page - STMicroelectronics STTH112UFY Datasheet HTML 7Page - STMicroelectronics STTH112UFY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Figure 7. Average forward current versus lead temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-20
0
20
40
60
80
100
120
140
160
180
IF(AV)(A)
Tl (°C)
STTH112-Y
Characteristics
DS10171 - Rev 3
page 4/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com