Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM60 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM60
Description  LM50 and LM50HV Industry-Standard, Analog Centigrade (10mV/°C) Temperature Sensor in the SOT-23 Package
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM60 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM60 Datasheet HTML 16Page - Texas Instruments LM60 Datasheet HTML 17Page - Texas Instruments LM60 Datasheet HTML 18Page - Texas Instruments LM60 Datasheet HTML 19Page - Texas Instruments LM60 Datasheet HTML 20Page - Texas Instruments LM60 Datasheet HTML 21Page - Texas Instruments LM60 Datasheet HTML 22Page - Texas Instruments LM60 Datasheet HTML 23Page - Texas Instruments LM60 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TI Device
U3
0.1µF
R2
R1
VT
R3
VOUT
U1
+
-
4.1V
R4
V+
LM7101
VTemp
V+
U2
LM4040
Copyright © 2016, Texas Instruments Incorporated
Figure 8-10. Centigrade Thermostat or Fan Controller
The LM50/LM50HV output voltage can be digitized by using ADC and voltage reference (LM4041) as shown in
Figure 8-11.
TI Device
ADC08031
LM4041-
ADJ
GND
OUT
100k
FB
10k
1µF
+
-
1.750V
REF
IN
3.9k
+
Serial
Data Output
5V
CLOCK
GND
ENABLE
+
Copyright © 2016, Texas Instruments Incorporated
125°C full scale
Figure 8-11. Temperature To Digital Converter (Serial Output)
The temperature detected by LM50/LM50HV can be converted to frequency by using LM131. The desired
frequency range can be adjusted by selecting different values for resistors and capacitors while Figure 8-12
shows an example for converting -40°C to 125°C temperature range to 100Hz to 1.75kHz frequency range.
Customers must fully validate and test any circuit before implementing a design based on an example in this
section. Unless otherwise noted, the design procedures in Full-Range Centigrade Temperature Sensor are
applicable.
LM50, LM50HV
SNIS118I – JULY 1999 – REVISED OCTOBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM50 LM50HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com