| Electronic Components Datasheet Search |
|
FS3000-EVK Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
FS3000-EVK Datasheet(HTML) 11 Page - Renesas Technology Corp |
|
11 / 24 page ![]() Environmental Sensors Evaluation Kit Manual R36UH0011EU0103 Rev.1.03 Jul 30, 2024 Page 11 Display Section Button/Action Description Plot Control Time Reference: Choose the time reference for the X axes. ▪ Start of Day (of current measurement) ▪ Start of Measurement ▪ Manually pick a time in the graph using the mouse ▪ User defined reference time stamp Graph Controls: Button explanation from left to right for the top row: ▪ The 1st button auto fits all the data on the X and Y axes ▪ The 2nd button fits the Y axis to display all Data ▪ The 3rd button allows hovering the mouse to open a menu that provides control on the X-range being displayed ▪ The 4th button will delete all current data from the plots (memory). The data in the csv measurement file will remain. Button explanation from left to right for the bottom row: ▪ Button 1 enables/disables the legend for the plot visualization ▪ Button2 locks/unlocks the Y axes so that it is unaffected by mouse operations ▪ Button 3 locks/unlocks the X axes so that it is unaffected by mouse operations ▪ The 4th button switches between bright and dark to improve contrast. This display mode will also be used in the Simple Mode view. Plot Visualization The lower half of the graphical user interface provides a visualization of the data. It shows the plots for the options selected. Also, in the upper left and right corners of each graph, multiple parameters can be chosen from to active/deactivate curves for sensor output of the corresponding axis. 2.1 Error Codes Most common error messages are explained in Table 3. Table 3. Most Common Errors Error Code Description and Solution Error: Failed to open file <filename> The selected data-file could not be opened for writing. Check that the selected file is not locked by another application and that you have write access to the folder the data files should be stored in. The RRH46410 cannot be used with the HiCom communication board. The RRH46410 cannot work with the older HiCom communication board due to missing clock stretching. <SENSOR> / <UID>: Sequence failed: <DETAILS> There was an error executing the measurement sequence for sensor <SENSOR> with unique ID <UID>. Additional details of the error are displayed <DETAILS>. The ES-Eval software will try to recover the error automatically and continue measurements. If the same error occurs in subsequent measurements, try to stop and restart the measurement. If unsuccessful, try to reconnect the interface board. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |