Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33242572 Datasheet(PDF) 2 Page - Aptiv

Part # 33242572
Description  APEX® 1.2 SensoMate™ SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33242572 Datasheet(HTML) 2 Page - Aptiv

  33242572 Datasheet HTML 1Page - Aptiv 33242572 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
Part numbers, specifications, dimensions and performance data in this document are for general references only and are subject to change without notice.
To verify product information, please contact an Aptiv representative.
CS-SP34-APEX-En1123
COMPATIBLE WITH
APEX® 1.2 Series Terminals
DIMENSION MEASUREMENT SAMPLE
35023342
Type
Applicable Wire Size (mm²)
Color
Restraint Ring
Part Number
Cavity Plug
N/A
White
No
12198198
Cable Seal
0.35 - 0.5
Gray
Yes
33318278
Cable Seal
0.5 - 0.85
Gray
Yes
33318279
Cable Seal
1.0 -1.5
Black
Yes
33318275
COMPATIBLE SEALS
* 180° polarization oriented
Cavity
count
Gender
Dimensions
W x H x D (mm)
Part
number
Index
CPA
Color
Generation
Shroud Lenght
Other indexes
offered
2
F
16.4 x 17.6 x 32.0
13806231
A
No
Black
One
Short (half)
B, C
2
F
17 x 16.45 x 28.3
33401217
A
No
Black
Two
Short (half)
B, C, D
2
F
17.4 x 16.45 x 28.3
33401221
A
Yes
Black
Two
Short (half)
B, C, D
2
F
17 x 16.45 x 28.3
33384128
A
No
Black
Two. Clip-Type
Long (full)
B, C, D
2
F
17.4 x 16.45 x 28.3
35050101
A
Yes
Black
Two. Clip-Type
Long (full)
B, C, D
2
F
17 x 16.45 x 28.3
33318607
A
No
Black
Two
Long (full)
B, C, D
2
F
17.4 x 16.45 x 28.3
33318611
A
Yes
Black
Two
Long (full)
B, C, D
2
F
17 x 16.45 x 28.3
35259417
A
No
Black
Two. High Temp T5
Long (full)
B, C
2
F
17.4 x 16.45 x 28.3
35259421
A
Yes
Black
Two. High Temp T5
Long (full)
B, C
3
F
19.3 x 17.6 x 31.0
13578335
A
No
Black
One
Short (half)
B, C, D
3
F
19.3 x 16.45 x 28.3
33242572
A
No
Black
Two
Short (half)
B, C, D
3
F
19.3 x 16.45 x 28.3
33242576
A
Yes
Black
Two
Short (half)
B, C, D
3
F
19.3 x 16.45 x 28.3
33317676
A
No
Black
Two
Long (full)
B, C, D
3
F
19.3 x 16.45 x 28.3
33317681
A
Yes
Black
Two
Long (full)
B, C, D
4
F
24.5 x 17.6 x 32.1
13820427
A
No
Black
One
Short (half)
B, C, D
4
F
24.6 x 17.7 x 28.3
33218537
A
No
Black
One
Short (half)
B, C, D
4
F
24.6 x 17.6 x 28.3
35172690
A
No
Black
Two
Long (full)
B, C, D
4
F
24.6 x 17.6 x 28.3
35172708
A
Yes
Black
Two
Long (full)
B, C, D
5
F
28.6 x 17.6 x 28.7
35023342
A
No
Black
Two
Short (half)
B, C, D
5
F
28.6 x 17.6 x 28.7
35032599
A
Yes
Black
Two
Short (half)
B, C, D
5
F
28.6 x 17.6 x 28.7
33241268
A
No
Black
Two
Long (full)
B, C, D
5
F
28.6 x 17.6 x 28.7
33241269
A
Yes
Black
Two
Long (full)
B, C, D
5
F
28.6 x 17.6 x 28.7
35288140
A
No
Black
Two*
Short (half)
B, C, D
5
F
28.6 x 17.6 x 28.7
35288144
A
Yes
Black
Two*
Short (half)
B, C, D
6
F
32.6 x 17.65 x 28.45
33355813
A
No
Black
Two
Long (full)
B, C, D
6
F
32.6 x 17.65 x 28.45
33356199
A
Yes
Black
Two
Long (full)
B, C, D
2
M
12.6 x 13.45 x 43.4
33219402
A
x
Black
One
N/A
B, C, D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com