Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD3530R Datasheet(PDF) 9 Page - Analog Devices

Part # AD3530R
Description  8-Channel, 16-Bit Voltage Output DACs, On-Chip Reference, SPI
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD3530R Datasheet(HTML) 9 Page - Analog Devices

Back Button AD3530R Datasheet HTML 5Page - Analog Devices AD3530R Datasheet HTML 6Page - Analog Devices AD3530R Datasheet HTML 7Page - Analog Devices AD3530R Datasheet HTML 8Page - Analog Devices AD3530R Datasheet HTML 9Page - Analog Devices AD3530R Datasheet HTML 10Page - Analog Devices AD3530R Datasheet HTML 11Page - Analog Devices AD3530R Datasheet HTML 12Page - Analog Devices AD3530R Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Data Sheet
AD3530/AD3530R
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 9 of 49
Table 6. Absolute Maximum Ratings
Parameter
Rating
VDD to GND
−0.3V to +6.5V
IOVDD to GND
−0.3V to +2.1V
VOUTn to GND
−0.3V to VDD + 0.3V
VREF1 to GND
−0.3V to VDD + 0.3V
Digital Input Voltage to GND
−0.3V to IOVDD + 0.3V
Temperature
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Absolute Maximum Junction Temperature
150°C
Reflow Soldering Peak Temperature, Pb-Free (J-
STD-020)
260°C
1 Configured as the reference input pin.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operation environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot, sealed enclosure. θJB is the junction
to board thermal resistance. θJC is the is the junction to case
thermal resistance. ᴪJT is the is the junction to top thermal charac-
terization parameter. ᴪJB is the is the junction to board thermal
characterization.
Table 7. Thermal Resistance
Package Type
θJA
θJB
θJC
ᴪJT
ᴪJB
Unit
CB-25-111
43.71 9.64
4.75
4.42
9.64
°C/W
CP-20-232
71.11
24.67 43.58 5.36
22.51 °C/W
1 Simulation values on JEDEC 2S2P board with 4 thermal vias, still air (0m/sec
airflow).
2 Simulation values on JEDEC 2S2P board without thermal via due to absence
of exposed paddle, still air (0m/sec airflow).
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged
devices and circuit boards can discharge without detection.
Although this product features patented or proprietary protec-
tion circuitry, damage may occur on devices subjected to high
energy ESD. Therefore, proper ESD precautions should be
taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com