Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHD Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # PHD
Description  2.0mm pitch/Disconnectable Crimp style connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PHD Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  PHD Datasheet HTML 1Page - JST Mfg. Co., Ltd. PHD Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHD CONNECTOR
2.0mm pitch/Disconnectable Crimp style connectors
Circuit No.1
Even number
circuits
Odd number
circuits
11.8
φ0.7
+0.1
 0
2
±0.05
1.95min
2
±0.05
1.95min
5
φ0.7
+0.1
 0
6.5
2.85
1.3
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG #
Insulation O.D.
(mm)
0.9∼1.5
1.0∼1.5
28∼24
26∼22
0.08∼0.21
0.13∼0.33
SPHD-002T-P0.5
SPHD-001T-P0.5
8,000
Phosphor bronze, tin-plated (reflow treatment)
RoHS compliance
Note: *Strip-crimp applicator
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SPHD-002T-P0.5 AP-K2N
MKS-L-10
*MKS-SC-10
MK/SPHD-002-05
SC/SPHD-002-05
APLMK SPHD002-05
APLSC SPHD002-05
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SPHD-001T-P0.5
AP-K2N
MKS-L-10
*MKS-SC-10
MK/SPHD-001-05
SC/SPHD-001-05
APLMK SPHD001-05
APLSC SPHD001-05
• Compact
• Reliable contacts
• Fully shrouded header
This is a 2.0mm pitch, crimp style, double-
row, wire-to-board connector. It is
designed to meet the demand for high-
density and low-profile connection.
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC (AWG #22)
• Voltage rating: 250V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m
Ω max.
After environmental testing/ 20m
Ω max.
• Insulation resistance: 1,000M
Ω min.
• Withstanding voltage: 800V AC/minute
• Applicable wire: AWG #28 to #22
• Applicable PC board thickness: 1.6mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Note: 1. The above figure is the figure viewed from soldering side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. Hole dimensions differ according to the kind of PC board and piercing method. If PC boards made of hard material are used, the hole dimensions should
be larger. The dimensions above should serve as a guideline. Contact JST for details.
Crimping
machine
Crimping
machine
Contact
Top entry type
Side entry type
1


Similar Part No. - PHD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PHD ITT-PHD Datasheet
96Kb / 1P
Fiber Optics
logo
Pro-Power
PHD-008-4025-BLK PROPOWER-PHD-008-4025-BLK Datasheet
193Kb / 2P
Heat Shrink Tubing
02/02/23 V1.3
PHD-008-4025-BLK PROPOWER-PHD-008-4025-BLK Datasheet
191Kb / 2P
Heat Shrink Tubing
30/01/23 V1.2
PHD-008-4025-BLK PROPOWER-PHD-008-4025-BLK_1 Datasheet
191Kb / 2P
Heat Shrink Tubing
30/01/23 V1.2
PHD-008-6028-BLK PROPOWER-PHD-008-6028-BLK Datasheet
193Kb / 2P
Heat Shrink Tubing
02/02/23 V1.3
More results

Similar Description - PHD

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com