Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP117AIDRVT Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP117AIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117AIDRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP117AIDRVT Datasheet HTML 3Page - Texas Instruments TMP117AIDRVT Datasheet HTML 4Page - Texas Instruments TMP117AIDRVT Datasheet HTML 5Page - Texas Instruments TMP117AIDRVT Datasheet HTML 6Page - Texas Instruments TMP117AIDRVT Datasheet HTML 7Page - Texas Instruments TMP117AIDRVT Datasheet HTML 8Page - Texas Instruments TMP117AIDRVT Datasheet HTML 9Page - Texas Instruments TMP117AIDRVT Datasheet HTML 10Page - Texas Instruments TMP117AIDRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Over free-air temperature range and V+ = 1.7 V to 5.5 V for TA = -55 °C to 70 °C, or V+ = 1.8 V to 5.5 V for TA = -55 °C to
150 °C (unless otherwise noted); Typical specifications are at TA = 25 °C and V+ = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VPOR
Power-on-reset threshold
voltage
Supply rising
1.6
V
Brownout detect
Supply falling
1.1
V
tRESET
Reset Time
Time required by device to reset
1.5
ms
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(2)
Long term stability is determined using accelerated operational life testing at a junction temperature of 150°C.
(3)
Hysteresis is defined as the ability to reproduce a temperature reading as the temperature varies from room → hot
→room→cold→room. The temperatures used for this test are -40°C, 25°C, and 150°C.
(4)
Quiescent current between conversions
6.6 Switching Characteristics
Over free-air temperature range and V+ = 1.7 V to 5.5 V for TA = -55 °C to 70 °C, or V+ = 1.8 V to 5.5 V for TA = -55 °C to
150 °C (unless otherwise noted); Typical specifications are at TA = 25 °C and V+ = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EEPROM
Programming time
7
ms
Number of writes
1,000
50,000
Times
Data retention time
10
100
Years
6.7 Two-Wire Interface Timing
Over free-air temperature range and V+ = 1.7 V to 5.5 V for TA = -55 °C to 70 °C, or V+ = 1.8 V to 5.5 V for TA = -55 °C to
150 °C (unless otherwise noted)
FAST-MODE
UNIT
MIN
MAX
fSCL
SCL operating frequency
1
400
KHz
tBUF
Bus free time between STOP and START conditions
1300
ns
tHD;STA
Hold time after repeated START condition.
After this period, the first clock is generated(1)
600
ns
tSU;STA
Repeated START condition setup time
600
ns
tSU;STO
STOP condition setup time
600
ns
tHD;DAT
Data hold time
0
ns
tVD;DAT
Data valid time(2)
0.9
µs
tSU;DAT
Data setup time
100
ns
tLOW
SCL clock low period
1300
ns
tHIGH
SCL clock high period
600
ns
tF – SDA
Data fall time
20 ×
(V+ /5.5)
300
ns
tF, tR – SCL
Clock fall and rise time
300
ns
tR
Rise time for SCL ≤ 100 kHz
1000
ns
Serial bus timeout (SDA bus released if there is no clock)
20
40
ms
(1)
The maximum tHD;DAT could be 0.9 µs for Fast-Mode, and is less than the maximum tVD;DAT by a transition time.
(2)
tVD;DATA = time for data signal from SCL "LOW" to SDA output ("HIGH" to "LOW", depending on which is worse).
www.ti.com
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com