Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP117MAIDRVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP117MAIDRVT
Description  TMP117 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP117MAIDRVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP117MAIDRVT Datasheet HTML 2Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 3Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 4Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 5Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 6Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 7Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 8Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 9Page - Texas Instruments TMP117MAIDRVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6.5 Electrical Characteristics
Over free-air temperature range and V+ = 1.7 V to 5.5 V for TA = -55 °C to 70 °C, or V+ = 1.8 V to 5.5 V for TA = -55 °C to
150 °C (unless otherwise noted); Typical specifications are at TA = 25 °C and V+ = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE TO DIGITAL CONVERTER
Temperature
accuracy
TMP117
-20 °C to 50 °C
8 averages
1-Hz conversion cycle
Thermal Pad unsoldered
(DRV Package)
I2C Input voltages: VIL ≤
0.05 * V+, VIH ≥ 0.95 *
V+
-0.1
±0.05
0.1
°C
-40 °C to 70 °C
-0.15
±0.05
0.15
-40 °C to 100 °C
-0.2
±0.1
0.2
-55 °C to 125 °C
-0.25
±0.1
0.25
-55 °C to 150 °C
-0.3
±0.1
0.3
TMP117M
25 °C to 50 °C
-0.1
±0.05
0.1
0°C to 70 °C
-0.15
±0.05
0.15
0 °C to 85 °C
-0.2
±0.1
0.2
TMP117N
-40 °C to 100 °C
-0.2
±0.1
0.2
-55 °C to 125 °C
-0.25
±0.1
0.25
-55 °C to 150 °C
-0.3
±0.1
0.3
DC power supply sensitivity
One-shot mode, 8 Averages
6
m°C/V
Temperature resolution (LSB)
7.8125
m°C
Repeatability(1)
V+ = 3.3 V
8 averages
1-Hz conversion cycle
±1
LSB
Long-term stability and drift
1000 hours at 150 °C(2)
±0.03
°C
Temperature cycling and
hysteresis(3)
8 Averages
±2
LSB
Conversion time
One-shot mode
13
15.5
17.5
ms
DIGITAL INPUT/OUTPUT
Input capacitance
4
pF
VIH
Input logic high level
SCL, SDA
0.7 * (V+)
V
VIL
Input logic low level
SCL, SDA
0.3 * (V+)
V
IIN
Input leakage current
-0.1
0.1
μA
VOL
SDA and ALERT output
logic low level
IOL = -3 mA
0
0.4
V
POWER SUPPLY
IQ_ACTIV
E
Quiescent current during active
conversion
Active Conversion, serial bus inactive
135
220
μA
IQ
Quiescent current
Duty cycle 1 Hz, averaging mode off, serial bus
inactive. TA = 25 °C
3.5
5
μA
Duty cycle 1 Hz, 8 averaging mode on, serial bus
inactive. TA = 25 °C
16
22
Duty cycle 1 Hz, averaging mode off, serial bus
active, SCL frequency = 400 kHz
15
ISB
Standby current(4)
Serial bus inactive. SCL, SDA, and ADD0 = V+. TA
= 25 °C
1.25
3.1
μA
ISD
Shutdown current
Serial bus inactive, SCL, SDA, and ADD0 = V+. TA
= 25 °C
0.15
0.5
μA
Shutdown current
Serial bus inactive, SCL, SDA and ADD0 = V+, TA
= 150 °C
5
μA
Shutdown current
Serial bus active, SCL frequency = 400 kHz, ADD0
= V+
17
μA
IEE
EEPROM write quiescent
current
ADC conversion off; serial bus inactive
240
μA
TMP117
SNOSD82D – JUNE 2018 – REVISED SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com