Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP464 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 1 Page - Texas Instruments

  TMP464 Datasheet HTML 1Page - Texas Instruments TMP464 Datasheet HTML 2Page - Texas Instruments TMP464 Datasheet HTML 3Page - Texas Instruments TMP464 Datasheet HTML 4Page - Texas Instruments TMP464 Datasheet HTML 5Page - Texas Instruments TMP464 Datasheet HTML 6Page - Texas Instruments TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
D3+
D4+
SCL
SDA
THERM
ADD
V+
THERM2
14
4
3
13
12
9
TMP464
11
10
D1+
D2+
D-
6
5
7
GND
8
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
1.7 V to 3.6 V
CBYPASS
RSCL RSDA
RT
RT2
2-Wire Interface
SMBus / I
2C
Compatible
Controller
Overtemperature
Shutdown
Local
Zone 5
Remote
Zone 1
Remote
Zone 2
Remote
Zone 3
Remote
Zone 4
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP464
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
1
1 Features
1
•
4-Channel Remote Diode Temperature Sensor
•
Local and Remote Accuracy: ±0.75°C (Maximum)
•
Temperature Resolution: 0.0625°C
•
Supply and Logic Voltage Range: 1.7 V to 3.6 V
•
43-µA Operating Current (1 SPS, All Channels
Active)
•
0.3-µA Shutdown Current
•
Remote Diode: Series Resistance Cancellation,
η-Factor Correction, Offset Correction, and Diode
Fault Detection
•
Register Lock Function Secures Key Registers
•
I2C or SMBus™ Compatible Two-Wire Interface
With Pin-Programmable Address
•
16-pin VQFN Package
2 Applications
•
MCU, GPU, ASIC, FPGA, DSP, and CPU
Temperature Monitoring
•
Telecommunication Equipment
•
Servers and Personal Computers
•
Cloud Ethernet Switches
•
Secure Data Centers
•
Highly Integrated Medical Systems
•
Precision Instruments and Test Equipment
•
LED Lighting Thermal Control
3 Description
The TMP464 device is a high-accuracy, low-power
temperature sensor using a two-wire, SMBus or I2C
compatible interface. Up to four remote diode-
connected temperature zones can be monitored
simultaneously in addition to the local temperature.
Aggregating the temperature measurements across a
system allows improved performance through tighter
guard bands and can reduce board complexity. A
typical use case is for monitoring the temperature
across different processors, such as MCUs, GPUs,
and FPGAs in complex systems such as servers and
telecommunications equipment. Advanced features
such as series resistance cancellation, programmable
non-ideality
factor,
programmable
offset,
and
programmable temperature limits are included to
provide a robust thermal monitoring solution with
improved accuracy and noise immunity.
Each of the four remote channels (and the local
channel) can be programmed independently with two
thresholds that are triggered when the corresponding
temperature is exceeded at the measured location. In
addition, there is a programmable hysteresis setting
to avoid constant toggling around the threshold.
The TMP464 device provides high accuracy (0.75°C)
and
high
resolution
(0.0625°C)
measurement
capabilities. The device supports low voltage rails
(1.7 V to 3.6 V), common two-wire interfaces, and is
available in a small, space efficient package (3 mm ×
3 mm) for easy integration into computing systems.
The remote junction supports a temperature range
from
–55°C
to
+150°C.
The
TMP464
has
a
preprogrammed temperature limit of 125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMP464
VQFN (16)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
See the Design Requirements section for remote diode recommendations.


Similar Part No. - TMP464

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP464 TI2-TMP464 Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
TMP464AIRGTR TI1-TMP464AIRGTR Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP464AIRGTR TI2-TMP464AIRGTR Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
TMP464AIRGTR.A TI2-TMP464AIRGTR.A Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
More results

Similar Description - TMP464

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com