Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28035 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320F28035
Description  TMS320F2803x Real-Time Microcontrollers
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28035 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F28035 Datasheet HTML 17Page - Texas Instruments TMS320F28035 Datasheet HTML 18Page - Texas Instruments TMS320F28035 Datasheet HTML 19Page - Texas Instruments TMS320F28035 Datasheet HTML 20Page - Texas Instruments TMS320F28035 Datasheet HTML 21Page - Texas Instruments TMS320F28035 Datasheet HTML 22Page - Texas Instruments TMS320F28035 Datasheet HTML 23Page - Texas Instruments TMS320F28035 Datasheet HTML 24Page - Texas Instruments TMS320F28035 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 175 page
background image
6.3 ESD Ratings – Commercial
VALUE
UNIT
TMS320F2803x in 80-pin PN package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
or ANSI/ESDA/JEDEC JS-002(2)
±500
TMS320F2803x in 64-pin PAG package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
or ANSI/ESDA/JEDEC JS-002(2)
±500
TMS320F2803x in 56-pin RSH package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
or ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
2.97
3.3
3.63
V
Device supply voltage CPU, VDD (When internal VREG is
disabled and 1.8 V is supplied externally)
1.71
1.8
1.995
V
Supply ground, VSS
0
V
Analog supply voltage, VDDA
2.97
3.3
3.63
V
Analog ground, VSSA
0
V
Device clock frequency (system clock)
2
60
MHz
High-level input voltage, VIH (3.3 V)
2
VDDIO + 0.3
V
Low-level input voltage, VIL (3.3 V)
VSS – 0.3
0.8
V
High-level output source current, VOH = VOH(MIN) , IOH
All GPIO/AIO pins
–4
mA
Group 2(1)
–8
mA
Low-level output sink current, VOL = VOL(MAX), IOL
All GPIO/AIO pins
4
mA
Group 2(1)
8
mA
Ambient temperature, TA
T version
–40
105
°C
S version
–40
125
Q version
(AEC Q100 qualification)
–40
125
Junction temperature, TJ
–40
150
°C
(1)
Group 2 pins are as follows: GPIO16, GPIO17, GPIO18, GPIO19, GPIO28, GPIO29, GPIO36, GPIO37
www.ti.com
TMS320F28030, TMS320F28030-Q1, TMS320F28031, TMS320F28031-Q1, TMS320F28032
TMS320F28032-Q1, TMS320F28033, TMS320F28033-Q1, TMS320F28034, TMS320F28034-Q1
TMS320F28035, TMS320F28035-Q1
SPRS584Q – APRIL 2009 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F28030 TMS320F28030-Q1 TMS320F28031 TMS320F28031-Q1 TMS320F28032 TMS320F28032-Q1
TMS320F28033 TMS320F28033-Q1 TMS320F28034 TMS320F28034-Q1 TMS320F28035 TMS320F28035-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com