Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1102 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMUX1102
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1102 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMUX1102 Datasheet HTML 11Page - Texas Instruments TMUX1102 Datasheet HTML 12Page - Texas Instruments TMUX1102 Datasheet HTML 13Page - Texas Instruments TMUX1102 Datasheet HTML 14Page - Texas Instruments TMUX1102 Datasheet HTML 15Page - Texas Instruments TMUX1102 Datasheet HTML 16Page - Texas Instruments TMUX1102 Datasheet HTML 17Page - Texas Instruments TMUX1102 Datasheet HTML 18Page - Texas Instruments TMUX1102 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
7.5 Charge Injection
The TMUX110x devices have a transmission-gate topology. Any mismatch in capacitance between the NMOS
and PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the
gate signal. The amount of charge injected into the source or drain of the device is known as charge injection,
and is denoted by the symbol QC. Figure 7-5 shows the setup used to measure charge injection from source (S)
to drain (D).
VOUT
Output
VS
0 V
VDD
QC = CL ×
VOUT
VSEL
GND
VS
OUTPUT
CL
S
D
SEL
VDD
VDD
0.1 F
VOUT
VSEL
Figure 7-5. Charge-Injection Measurement Setup
7.6 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to
the source pin (S) of an off-channel. The characteristic impedance, Z0, for the measurement is 50Ω. Figure 7-6
shows the setup used to measure off isolation. Use off isolation equation to compute off isolation.
GND
NETWORK
ANALYZER
VOUT
S
D
50Ÿ
VSIG
RL
50Ÿ
VS
VDD
0.1µF
Figure 7-6. Off Isolation Measurement Setup
OUT
S
V
Off Isolation
20 Log
V
§
·
˜
¨
¸
©
¹
(1)
www.ti.com
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com