Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1101DBVR Datasheet(PDF) 20 Page - Texas Instruments

Part # TMUX1101DBVR
Description  TMUX110x 5V, Low-Leakage-Current, 1:1 (SPST) Precision Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1101DBVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMUX1101DBVR Datasheet HTML 16Page - Texas Instruments TMUX1101DBVR Datasheet HTML 17Page - Texas Instruments TMUX1101DBVR Datasheet HTML 18Page - Texas Instruments TMUX1101DBVR Datasheet HTML 19Page - Texas Instruments TMUX1101DBVR Datasheet HTML 20Page - Texas Instruments TMUX1101DBVR Datasheet HTML 21Page - Texas Instruments TMUX1101DBVR Datasheet HTML 22Page - Texas Instruments TMUX1101DBVR Datasheet HTML 23Page - Texas Instruments TMUX1101DBVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX11xx family offers ultra-low input and output leakage currents and low charge injection. These devices
operate up to 5.5V, and offer true rail-to-rail input and output of both analog and digital signals. The TMUX110x
have a low on-capacitance which allows faster settling time when multiplexing inputs in the time domain. These
features make the TMUX11xx devices a family of precision, high-performance switches and multiplexers for
low-voltage applications.
9.2 Typical Application - Sample-and-Hold Circuit
One useful application to take advantage of the TMUX1101 and TMUX1102's performance is the sample-and-
hold circuit. A sample-and-hold circuit can be useful for an analog to digital converter (ADC) to sample a varying
input voltage with improved reliability and stability. It can also be used to store the output samples from a single
digital-to-analog converter (DAC) in a multi-output application. A simple sample-and-hold circuit can be realized
using an analog switch such as the TMUX1101, and TMUX1102 analog switches. Figure 9-1 shows a single
channel sample-and hold circuit using either of the TMUX110x devices.
+
±
+
±
OP AMP
OP AMP
TMUX110x
V
OUT
SEL
C
H
DAC
C
L
R
L
(1.8V Capable Control Logic)
Figure 9-1. Single Channel Sample-and-Hold Circuit Example
An optional op amp is used before the switch since driving large capacitive loads is a typical limitation of buffered
DACs. The additional buffer stage is included following the DAC to prevent potential stability problems from
driving a large capacitive load.
Generally, the switch delivers only the input signals to the holding capacitors. However, when the switch is
toggled, some amount of charge is transferred to the switch output in the form of charge injection, resulting in a
pedestal sampling error. The TMUX1101 and TMUX1102 switches have excellent charge injection performance
of only -1.5pC, making them excellent choices for this implementation to minimize sampling error. The pedestal
error voltage is indirectly related to the size of the capacitance on the output, for better precision a larger
capacitor is required due to charge injection.
TMUX1101, TMUX1102
SCDS410D – MARCH 2019 – REVISED FEBRUARY 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX1101 TMUX1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com