Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5509APGE Datasheet(PDF) 26 Page - Texas Instruments

Part # TMS320VC5509APGE
Description  TMS320VC5509A Fixed-Point Digital Signal Processor
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC5509APGE Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMS320VC5509APGE Datasheet HTML 22Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 23Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 24Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 25Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 26Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 27Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 28Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 29Page - Texas Instruments TMS320VC5509APGE Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 150 page
background image
Introduction
26
November 2002 − Revised January 2008
SPRS205K
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
TIMER SIGNALS
TIN/TOUT0
I/O/Z
Timer0 Input/Output. When output, TIN/TOUT0 signals a pulse or a
change of state when the on-chip timer counts down past zero. When
input, TIN/TOUT0 provides the clock source for the internal timer module.
At reset, this pin is configured as an input.
NOTE: Only the Timer0 signal is brought out. The Timer1 signal is
terminated internally and is not available for external use.
H
Input
REAL-TIME CLOCK
RTCINX1
I
Real-Time Clock Oscillator input
Input
RTCINX2
O
Real-Time Clock Oscillator output
Output
I2C
SDA
I/O/Z
I2C (bidirectional) data. At reset, this pin is in high-impedance mode.
H
Hi-Z
SCL
I/O/Z
I2C (bidirectional) clock. At reset, this pin is in high-impedance mode.
H
Hi-Z
MULTICHANNEL BUFFERED SERIAL PORTS SIGNALS
CLKR0
I/O/Z
McBSP0 receive clock. CLKR0 serves as the serial shift clock for the serial
port receiver. At reset, this pin is in high-impedance mode.
H
Hi-Z
DR0
I
McBSP0 receive data
FS
Input
FSR0
I/O/Z
McBSP0 receive frame synchronization. The FSR0 pulse initiates the data
receive process over DR0. At reset, this pin is in high-impedance mode.
Hi-Z
CLKX0
I/O/Z
McBSP0 transmit clock. CLKX0 serves as the serial shift clock for the
serial port transmitter. The CLKX0 pin is configured as input after reset.
H
Input
DX0
O/Z
McBSP0 transmit data. DX0 is placed in the high-impedance state when
not transmitting, when RESET is asserted, or when OFF is low.
Hi-Z
FSX0
I/O/Z
McBSP0 transmit frame synchronization. The FSX0 pulse initiates the
data transmit process over DX0. Configured as an input following reset.
Input
S10
I/O/Z
McBSP1
receive
clock
or
MultiMedia
Card/Secure
Digital1
command/response. At reset, this pin is configured as McBSP1.CLKR.
McBSP1.CLKR
I/O/Z
McBSP1 receive clock. McBSP1.CLKR serves as the serial shift clock for
the serial port receiver. McBSP1.CLKR is selected when the External Bus
Selection Register has 00 in the Serial Port1 Mode bit field or following
reset.
H
Input
MMC1.CMD
SD1.CMD
I/O/Z
MMC1 or SD1 command/response is selected when the External Bus
Selection Register has 10 in the Serial Port1 Mode bit field.
S11
I/O/Z
McBSP1 data receive or Secure Digital1 data1. At reset, this pin is
configured as McBSP1.DR.
McBSP1.DR
I/Z
McBSP1 serial data receive. McBSP1.DR is selected when the External
Bus Selection Register has 00 in the Serial Port1 Mode bit field or following
reset.
Input
SD1.DAT1
I/O/Z
SD1 data1 is selected when the External Bus Selection Register has 10 in
the Serial Port1 Mode bit field.
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer, FS = fail-safe buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com