Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1208RSVR Datasheet(PDF) 22 Page - Texas Instruments

Part # TMUX1208RSVR
Description  TMUX1208 5-V Bidirectional 8:1, 1-Channel Multiplexer TMUX1209 5-V Bidirectional 4:1, 2-Channel Multiplexer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1208RSVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMUX1208RSVR Datasheet HTML 18Page - Texas Instruments TMUX1208RSVR Datasheet HTML 19Page - Texas Instruments TMUX1208RSVR Datasheet HTML 20Page - Texas Instruments TMUX1208RSVR Datasheet HTML 21Page - Texas Instruments TMUX1208RSVR Datasheet HTML 22Page - Texas Instruments TMUX1208RSVR Datasheet HTML 23Page - Texas Instruments TMUX1208RSVR Datasheet HTML 24Page - Texas Instruments TMUX1208RSVR Datasheet HTML 25Page - Texas Instruments TMUX1208RSVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
System Inputs &
Sensors
LDO #1
D
S1
S2
S3
S4
S5
S6
S7
S8
Integrated
12-bit ADC
A0
A1
A2
EN
MCU
LDO #2
LM20
Analog Temp.
Sensor
LM20
Analog Temp.
Sensor
GND
VDD
VDD
VDD
VI/O
1.8V Logic
I/O
LM20
Analog Temp.
Sensor
LDO #3
RAM
FLASH
Port I/O
TIMERS
22
TMUX1208, TMUX1209
SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1208 TMUX1209
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TMUX12xx family offers good system performance across a wide operating supply (1.08V to 5.5V). These
devices include 1.8V logic compatible control input pins that enable operation in systems with 1.8V I/O rails.
Additionally, the control input pins support Fail-Safe Logic which allows for operation up to 5.5V, regardless of
the state of the supply pin. This protection stops the logic pins from back-powering the supply rail. These
features make the TMUX12xx a family of general purpose multiplexers and switches that can reduce system
complexity, board size, and overall system cost.
9.2 Typical Application
One useful application to take advantage of the TMUX1208 features is multiplexing various signals into an ADC
that is integrated into a MCU. Utilizing an integrated ADC in a MCU allows a system to minimize cost with a
potential tradeoff of system performance when compared to an external ADC. The multiplexer allows for multiple
inputs/sensors to be monitored with a single ADC pin of the device, which is critical in systems with limited I/O.
The TMUX1209 is suitable for similar design example using differential signals, or as two 4:1 multiplexers.
Figure 18. Multiplexing Signals to Integrated ADC
9.3 Design Requirements
For this design example, use the parameters listed in Table 3.
Table 3. Design Parameters
PARAMETERS
VALUES
Supply (VDD)
5.0 V
I/O signal range
0 V to VDD (Rail to Rail)
Control logic thresholds
1.8 V compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com