Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETV2507ANPGE Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETV2507ANPGE
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TNETV2507ANPGE Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETV2507ANPGE Datasheet HTML 28Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 29Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 30Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 31Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 32Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 33Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 34Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 35Page - Texas Instruments TNETV2507ANPGE Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 142 page
background image
Functional Overview
32
April 2004 − Revised January 2008
SPRS244J
3.1.3 On-Chip Read-Only Memory (ROM)
The one-wait-state ROM is located at the byte address range FF0000h−FFFFFFh, for a total of 64K bytes of
ROM. The ROM address space can be mapped by software to the external memory or to the internal ROM.
The standard 5507 device includes a bootloader program resident in the ROM. When the MPNMC bit field
of the ST3 status register is set through software, the on-chip ROM is disabled and not present in the memory
map, and byte address range FF0000h−FFFFFFh is directed to external memory space. A hardware reset
always clears the MPNMC bit, so it is not possible to disable the ROM at reset. However, the software reset
instruction does not affect the MPNMC bit. The on-chip ROM can be accessed by the program, data, or DMA
buses. The first 16-bit word access to ROM requires three cycles. Subsequent accesses require two cycles
per 16-bit word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com