Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX1574DYYR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMUX1574DYYR
Description  TMUX1574 Low-Capacitance, 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch with 1.8 V Logic
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1574DYYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMUX1574DYYR Datasheet HTML 4Page - Texas Instruments TMUX1574DYYR Datasheet HTML 5Page - Texas Instruments TMUX1574DYYR Datasheet HTML 6Page - Texas Instruments TMUX1574DYYR Datasheet HTML 7Page - Texas Instruments TMUX1574DYYR Datasheet HTML 8Page - Texas Instruments TMUX1574DYYR Datasheet HTML 9Page - Texas Instruments TMUX1574DYYR Datasheet HTML 10Page - Texas Instruments TMUX1574DYYR Datasheet HTML 11Page - Texas Instruments TMUX1574DYYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
8
TMUX1574
SCDS391C – OCTOBER 2018 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TMUX1574
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
6.7 Timing Requirements
VDD = 1.5 V to 5.5 V, GND = 0V, TA = –40°C to +125°C
Typical values are at VDD = 3.3 V, TA = 25°C, (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
tTRAN
Transition time from control input
VDD = 2.5 V to 5.5 V
VS = VDD
RL = 200 Ω, CL = 15pF
Refer to Transition Timing Figure
160
350
ns
tTRAN
Transition time from control input
VDD < 2.5 V
VS = VDD
RL = 200 Ω, CL = 15pF
Refer to Transition Timing Figure
180
580
ns
tON(EN)
Device turn on time from enable pin
VS = VDD
RL = 200 Ω, CL = 15pF
Refer to Ton(EN) & Toff(EN) Figure
12
35
µs
tOFF(EN)
Device turn off time from enable pin
VS = VDD
RL = 200 Ω, CL = 15pF
Refer to Ton(EN) & Toff(EN) Figure
50
95
ns
tON(VDD)
Device turn on time (VDD to output)
VS = 3.6 V
VDD rise time = 1us
RL = 200 Ω, CL = 15pF
Refer to Ton(vdd) & Toff(vdd) Figure
20
60
µs
tOFF(VDD)
Device turn off time (VDD to output)
VS = 3.6 V
VDD fall time = 1us
RL = 200 Ω, CL = 15pF
Refer to Ton(vdd) & Toff(vdd) Figure
1.2
2.7
µs
tOPEN (BBM) Break before make time
VS = 1 V
RL = 200 Ω, CL = 15pF
Refer to Topen(BBM) Figure
0.5
ns
tSK(P)
Inter - channel skew - QFN (RSV)
Refer to Tsk Figure
5
ps
tSK(P)
Inter - channel skew - DYY (SOT-23)
Refer to Tsk Figure
9
ps
tSK(P)
Inter - channel skew - TSSOP (PW)
Refer to Tsk Figure
18
ps
tPD
Propagation delay - QFN (RSV)
Refer to Tpd Figure
50
ps
tPD
Propagation delay - DYY (SOT-23)
Refer to Tpd Figure
75
ps
tPD
Propagation delay - TSSOP (PW)
Refer to Tpd Figure
95
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com