Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX6111 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX6111
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6111 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6111 Datasheet HTML 17Page - Texas Instruments TMUX6111 Datasheet HTML 18Page - Texas Instruments TMUX6111 Datasheet HTML 19Page - Texas Instruments TMUX6111 Datasheet HTML 20Page - Texas Instruments TMUX6111 Datasheet HTML 21Page - Texas Instruments TMUX6111 Datasheet HTML 22Page - Texas Instruments TMUX6111 Datasheet HTML 23Page - Texas Instruments TMUX6111 Datasheet HTML 24Page - Texas Instruments TMUX6111 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX6111, TMUX6112, and TMUX6113 offer outstanding input/output leakage currents and ultralow charge
injection. These devices operate up to 34 (dual supply) or 17V (single supply), and offer true rail-to-rail input and
output. The on-capacitance of the TMUX6111, TMUX6112, and TMUX6113 is low. These features makes the
TMUX6111, TMUX6112, and TMUX6113 a family of precision, robust, high-performance analog multiplexer for
high-voltage, industrial applications.
9.2 Typical Application
One useful application to take advantage of TMUX6111, TMUX6112, and TMUX6113's precision performance is
the sample and hold circuit. A sample and hold circuit can be useful for an analog to digital converter (ADC)
to sample a varying input voltage with improved reliability and stability. It can also be used to store the output
samples from a single digital-to-analog converter (DAC) in a multi-output application. A simple sample and hold
circuit can be realized using an analog switch like one of the TMUX6111, TMUX6112, and TMUX6113 analog
switches.
+
±
GND
+
±
+
±
±
OPA2192
OPA2192
OPA2192
OPA2192
TMUX611x
+15V
-15V
+15V
+15V
-15V
-15V
+15V
-15V
+15V
-15V
V
DD
V
SS
SW1
SW2
SW3
SW4
V
OUT1
SEL3/
SEL4
V
OUT2
V
IN1
V
IN2
SEL1/
SEL2
C
H
C
C
R
C
C
H
C
H
C
C
R
C
C
H
+
Figure 9-1. A 2-output Sample and Hold Circuit Realized Using the TMUX611x Analog Switch
www.ti.com
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com