Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7308FRRPR Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7308FRRPR
Description  TMUX730xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with Latch-Up Immunity and 1.8-V Logic
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7308FRRPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7308FRRPR Datasheet HTML 28Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 29Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 30Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 31Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 32Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 33Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 34Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 35Page - Texas Instruments TMUX7308FRRPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
8.12 Crosstalk
The following are two types of crosstalk that can be defined for the devices:
1. Intra-channel crosstalk (XTALK(INTRA)): the voltage at the source pin (Sx) of an off-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in the same channel, as shown in Figure
8-13.
2. Inter-channel crosstalk (XTALK(INTER)): the voltage at the source pin (Sx) of an on-switch input, when a
1-VRMS signal is applied at the source pin of an on-switch input in a different channel, as shown in Figure
8-14. Inter-channel crosstalk applies only to the TMUX7309F device.
Ax, EN
GND
VAX
VEN
S1/S1X
D/ DX
Other
Sx/ Dx
Pins
VS
Network Analyzer
VOUT
RS
RL
SW
SW
N.C.
SW
50Ÿ
S2/S2X
+JPN= F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-13. Intra-channel Crosstalk Measurement Setup
Ax, EN
GND
VAX
VEN
SxA
DA
Other
SxA Pins
VS
Network Analyzer
VOUT
RS
RL
SW
N.C.
SW
50Ÿ
DB
RL
SW
N.C.
SW
Other
SxB Pins
SxB
+JPAN F ?D=JJAH %NKOOP=HG = 20 × .KC
8176
85
VDD
VSS
VDD
VSS
GND
0.1 µF
GND
0.1 µF
Figure 8-14. Inter-channel Crosstalk Measurement Setup
TMUX7308F, TMUX7309F
SCDS403C – FEBRUARY 2021 – REVISED JULY 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com