Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATR0805 Datasheet(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

Part # ATR0805
Description  THICK FILM CHIP RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

ATR0805 Datasheet(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  ATR0805 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD ATR0805 Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD ATR0805 Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
71
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Item
0.5% • 1% (R
1
Ω)
2% • 5% (R
1
Ω)
Test Method
■CHARACTERISTICS
■CHARACTERISTIC DATA
■POWER DERATING CURVE
■MARKING
Temperature Cycling
Low Temperature Operation
Short Time Overload
Resistance to Soldering Heat
Loading Life in Moisture
Resistance to dry heat
Load Life
Solderability
Bending Strength
Intermittent Overload
Dielectric Withstanding Voltage
Terminal Strength
No short or burned on the appearance
No evidence of mechanical damage
± (0.5% + 0.05Ω)
± (0.5% + 0.05Ω)
± (1.0% + 0.05Ω)
± (1.0% + 0.05Ω)
± (1% + 0.05Ω)
± (1.0% + 0.05Ω)
± (1.0% + 0.05Ω)
Coverage
95%
± (1.0% + 0.05Ω)
± (5.0% + 0.10Ω)
JIS-C5202-7.4
Cycle between -55
˚C and +125˚C for 5 cycles
MIL-R-55342-D 4.7.4
Followed by 45 Minutes of RCWV.
JIS-C5202-5.5
Apply rated voltage 2.5 times for 5 seconds
JIS-C5202-6.10
Immerse for 10 sec. in solder at 260
± 5˚C
JIS-C5202-7.9
40
˚C, 1000Hrs at RCWV, 1.5Hr ON, 0.5Hr OFF
JIS-C5202-7.2
96Hrs at 125
˚C
JIS-C5202-7.10
70
˚C, 1000Hrs at RCWV, 1.5Hr ON, 0.5Hr OFF
JIS-C5202-6.11
Immerse for 3 sec. in solder at 245
± 3˚C
JIS-C5202-5.8
Apply rated voltage 1sec ON, 25sec OFF, 10000 cycles
JIS-C5202-5.7
Apply 500VAC for 1min(ATR0402 300VAC, ATR0603 300VAC/1Min)
JIS-C5202-6.1.4
Apply 5N pushing force for 10sec.
JIS-C5202-6.1.4
Amount of band: ATR0402, ATR0603, ATR0805=5mm,
ATR1206, ATR1210=3mm, ATR2010, ATR2521=2mm
± (1.0% + 0.05Ω)
± (1.0% + 0.05Ω)
± (2.0% + 0.10Ω)
± (1.0% + 0.05Ω)
± (2.0% + 0.1Ω)
± (2.0% + 0.10Ω)
± (3.0% + 0.10Ω)
Coverage
95%
± (1.0% + 0.05Ω)
± (5.0% + 0.10Ω)
*RCWV=Rated Continuous Working Voltage
Nominal Resistance(
½)
0
1.0
2.0
3.0
10
100
1K 10K 100K 1M
Nominal Resistance(
½)
-0.5
0
0.5
1.0
10
100
1K 10K 100K 1M
Nominal Resistance(
½)
0
1.0
2.0
3.0
10
100
1K 10K 100K 1M
Load Life 1000Hr
Short Time Overload
Loading Life in Moisture 1000Hr
Ambient Temp(
ûC)
100
80
60
40
20
-55
20
40
60 70 80
100
120
125
FOR E-24 & E-96
• 2%, 5% 3 digits indication
first 2 digits are significant figures
3rd digit is multiplier(10 x )
EX. Marking -> 563
56
×103 = 56000Ω = 56KΩ
TYPE ATR0402: No marking Code
FOR ATR0603 1%(E-96)
• 3 digit indication
first 2 significant for E-96 Part marking scheme.
3rd digit is multiplier:
Y = 10-2
X = 10-1
A = 100
B = 101
C = 102
D = 103
E = 104
F = 105
47E
• 1% 4 digits indication
first 3 digits are significant figures
4th digit is multiplier(10 x )
EX. Marking -> 3922
392
×102 = 39200Ω = 39.2KΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com