Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS16630PWPR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS16630PWPR
Description  TPS1663x 60-V, 6-A eFuse with Adjustable Output Power Limiting
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS16630PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS16630PWPR Datasheet HTML 1Page - Texas Instruments TPS16630PWPR Datasheet HTML 2Page - Texas Instruments TPS16630PWPR Datasheet HTML 3Page - Texas Instruments TPS16630PWPR Datasheet HTML 4Page - Texas Instruments TPS16630PWPR Datasheet HTML 5Page - Texas Instruments TPS16630PWPR Datasheet HTML 6Page - Texas Instruments TPS16630PWPR Datasheet HTML 7Page - Texas Instruments TPS16630PWPR Datasheet HTML 8Page - Texas Instruments TPS16630PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Table 6-1. Pin Functions
PIN
TYPE#
unique_
13/
unique_
13_Con
nect_42
_GUID-
0035D5
28-587
A-47C9
-A095-9
5416BF
E3A8Ar
eferenc
eTitle
DESCRIPTION
NAME
TPS16630
TPS16632
VQFN
HTSSOP
VQFN
IN
1
1
1
P
Power input. Connects to the DRAIN of the internal FET.
2
2
2
—
3
—
P_IN
5
6
5
P
Supply voltage of the device. Always connect P_IN to IN directly.
UVLO
6
7
6
I
Input for setting the programmable undervoltage lockout threshold.
An undervoltage event turns off the internal FET and asserts FLT to
indicate the power-failure.
OVP
7
8
—
I
Input for setting the adjustable overvoltage protection threshold (for
TPS16630 only). An overvoltage event turns off the internal FET and
asserts FLT to indicate the overvoltage fault.
PLIM
—
—
7
I
Input for setting the adjustable output power limiting threshold
(TPS16632 Only). Connect a resistor across PLIM to GND to set
the output power limit. Connect PLIM to GND if PLIM feature is not
used. See Output Power Limiting, PLIM (TPS16632 Only) section.
GND
8
9
8
—
Connect GND to system ground.
dVdT
9
10
9
I/O
A capacitor from this pin to GND sets output voltage slew rate.
Leaving this pin floating enables device power up in thermal
regulation resulting in fast output charge. See the Hot Pug-In and
In-Rush Current Control section.
ILIM
10
11
10
I/O
A resistor from this pin to GND sets the overload limit. See Overload
and Short Circuit Protection section.
MODE
11
12
11
I
Mode selection pin for Overload fault response. See the Device
Functional Modes section.
SHDN
12
13
12
I
Shutdown pin. Pulling SHDN low makes the device to enter into low
power shutdown mode. Cycling SHDN pin voltage resets the device
that has latched off due to a fault condition.
IMON
13
14
13
O
Analog current monitor output. This pin sources a scaled down ratio
of current through the internal FET. A resistor from this pin to GND
converts current to proportional voltage. If unused, leave it floating.
FLT
14
15
14
O
Fault event indicator. This pin is an open drain output. If unused,
leave floating or connect to GND.
PGOOD
16
16
16
O
Active High. A high indicates that the internal FET is enhanced.
PGOOD goes low when the internal FET is turned OFF during a fault
or when SHDN is pulled low. If PGOOD is unused, then connect to
GND or leave it floating.
OUT
17
18
17
P
Power output of the device.
18
19
18
—
20
—
TPS1663
SLVSET9F – SEPTEMBER 2018 – REVISED FEBRUARY 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TPS1663



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com