| Electronic Components Datasheet Search |
|
TPS2500 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS2500 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 43 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Nov-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TPS2500DRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCT.B Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (CHO, CHOU) TPS2500DRCTG4 Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 CHO TPS2500DRCTG4.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 CHO TPS2500DRCTG4.B Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 CHO TPS2501DRCR Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCR.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCR.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCRG4 Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCRG4.A Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCRG4.B Active Production VSON (DRC) | 10 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCT Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCT.A Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA TPS2501DRCT.B Active Production VSON (DRC) | 10 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 OBA (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |