Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALR-03VF Datasheet(PDF) 7 Page - JST Mfg. Co., Ltd.

Part # PALR-03VF
Description  FAMILY SERIES/PA•PAF•PAL CONNECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

PALR-03VF Datasheet(HTML) 7 Page - JST Mfg. Co., Ltd.

Back Button PALR-03VF Datasheet HTML 3Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 4Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 5Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 6Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 7Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 8Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 9Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 10Page - JST Mfg. Co., Ltd. PALR-03VF Datasheet HTML 11Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PA FAMILY SERIES
7
Through-hole type shrouded header
Q'ty /
bag
Circuits
Model No.
CD
AB
Dimensions(mm)
5
8
11
12
BE05B-PASK
BE08B-PASK
BE11B-PASK
BE12B-PASK
12.4
18.4
24.4
26.4
5.5
5.5
12.0
12.0
300
200
150
150
8.0
14.0
20.0
22.0
12.0
18.0
24.0
26.0
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Note: C and D dimensions; Refer to the PCB layout bottom type (P3).
Circuit No.1
A
B
9
□
0.5
5.3
2
A
B
2
9
□
0.5
5.3
Circuit No.1
Bottom type
(5, 8
circuits)
(11, 12
circuits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com