Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2500DRCT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2500DRCT
Description  INTEGRATED USB POWER SWITCH WITH BOOST CONVERTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2500DRCT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2500DRCT Datasheet HTML 4Page - Texas Instruments TPS2500DRCT Datasheet HTML 5Page - Texas Instruments TPS2500DRCT Datasheet HTML 6Page - Texas Instruments TPS2500DRCT Datasheet HTML 7Page - Texas Instruments TPS2500DRCT Datasheet HTML 8Page - Texas Instruments TPS2500DRCT Datasheet HTML 9Page - Texas Instruments TPS2500DRCT Datasheet HTML 10Page - Texas Instruments TPS2500DRCT Datasheet HTML 11Page - Texas Instruments TPS2500DRCT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Gate Drive
8- sOne-Shot
m
S
S
EN
EN
PWM
Comparator
HSD
PWM Latch
S
R
Q
INPUT
LSD
Iind
V
+ 5%
AUX
V
– 2%
AUX
PFM Latch
S
R
Q
I
4.5 A
SW
AUXHigh
Comparator
PFM Enter
Comparator
AUXLow
Comparator
IIND
420mA
LOW
Constant-Current
Start-up Comparator
V
– V
IN
AUX
V700mV
EXIT
+
+
+
+
+
+
+
+
+
–
–
V
IN
V
5.05V
NFM
+
–
–
–
–
–
–
–
–
–
+
Error
Amplifier
Slope
Compensation
Generator
I
6.7 A
UPPER
1-MHz/250-kHz
Oscillator
LowerCurrent-
LimitComparator
UpperCurrent-
LimitComparator
85%Max
DutyCycle
Generator
I
2.65 A
START
Constant-Current
Start-up Amplifier
B0352-01
V
IN
V
4.35V
LFM
V
V
V
IN
LFM
³
® 250kHz
<V
1MHz
IN
LFM ®
R
L
C
L
OUT
TestCircuit
10%
90%
10%
90%
V
OUT
t
on
t
off
10%
90%
50%
50%
V
EN
50%
50%
10%
90%
VoltageWaveforms
t
r
t
f
V
OUT
V
EN
V
OUT
t
on
t
off
S0395-01
TPS2500, TPS2501
SLVS886C – OCTOBER 2008 – REVISED AUGUST 2010
www.ti.com
Figure 1. Detail of Boost Control Circuitry
PARAMETER MEASUREMENT INFORMATION
Figure 2. Test Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2500 TPS2501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com