Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF50CV-DG Datasheet(PDF) 52 Page - STMicroelectronics

Part # LF50CV-DG
Description  Very low drop voltage regulator with inhibit function
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF50CV-DG Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LF50CV-DG Datasheet HTML 45Page - STMicroelectronics LF50CV-DG Datasheet HTML 46Page - STMicroelectronics LF50CV-DG Datasheet HTML 47Page - STMicroelectronics LF50CV-DG Datasheet HTML 48Page - STMicroelectronics LF50CV-DG Datasheet HTML 49Page - STMicroelectronics LF50CV-DG Datasheet HTML 50Page - STMicroelectronics LF50CV-DG Datasheet HTML 51Page - STMicroelectronics LF50CV-DG Datasheet HTML 52Page - STMicroelectronics LF50CV-DG Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
Revision history
LFXX
52/53
DocID2574 Rev 31
8
Revision history
Table 37: Document revision history
Date
Revision
Changes
21-Jun-2004
14
Document updating.
24-May-2006
15
Order codes updated.
02-Apr-2007
16
Order codes updated.
14-May-2007
17
Order codes updated.
26-Jul-2007
18
Add table 1 in cover page.
26-Nov-2007
19
Modified: Table 34.
16-Jan-2008
20
Added new order codes for automotive grade products see Table
34 on page 51.
12-Feb-2008
21
Modified: Table 34 on page 51.
10-Jul-2008
22
Modified: Table 34 on page 51.
05-May-2010
23
Added: Table 29 on page 41, fig 16, fig 17, fig 18 and fig 19.
16-Nov-2010
24
Modified: RthJC value for TO-220 Table 2 on page 7.
10-Feb-2012
25
Added: order code LF33CV-DG and LF33ABV-DG Table 34 on
page 51.
09-Mar-2012
26
Added: order code LF50ABV-DG Table 34 on page 51.
28-Feb-2014
27
Changed the part numbers LFxxAB and LFxxC to LFXX.
Changed the title.
Removed table from cover page.
Removed PENTAWATT package from the figure in cover page,
the Description and Figure 2.
Updated the Description.
Updated: Table 2, Table 6, Table 8, Table 10, Table 13, Table 15,
Table 17, Table 22, Table 25 and Table 34.
Changed title of Figure 7.
Updated mechanical data.
03-Mar-2015
28
Updated Table 34: Order code.
Minor text changes.
19-Jan-2017
29
Updated output voltage values in Table 16 and added new
commercial type in TO-220FP in Table 35.
Minor text changes.
27-Jan-2017
30
Updated features in cover page. Added Table 14 and updated
Table 35.
22-May-2017
31
Updated Table 36: "Order code".
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com