Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2041CDBVT.B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2041CDBVT.B
Description  TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2041CDBVT.B Datasheet(HTML) 1 Page - Texas Instruments

  TPS2041CDBVT.B Datasheet HTML 1Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 2Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 3Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 4Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 5Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 6Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 7Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 8Page - Texas Instruments TPS2041CDBVT.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
OUT
IN
GND
FLT
RFLT
10 kW
Control Signal
VIN
150 mF
Fault Signal
Pad*
VOUT
* DGN only
EN or
EN
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS2000C, TPS2001C, TPS2041C, TPS2051C, TPS2061C
TPS2065C, TPS2065C-2, TPS2068C, TPS2069C, TPS2069C-2
SLVSAU6H – JUNE 2011 – REVISED APRIL 2016
TPS20xxC and TPS20xxC-2 Current Limited, Power-Distribution Switches
1
1 Features
1
•
Single Power Switch Family
•
Pin-for-Pin With Existing TI Switch Portfolio
•
Rated Currents of 0.5 A, 1 A, 1.5 A, 2 A
•
±20% Accurate, Fixed, Constant Current Limit
•
Fast Overcurrent Response: 2 µs
•
Deglitched Fault Reporting
•
Selected Parts With (TPS20xxC) and Without
(TPS20xxC-2) Output Discharge
•
Reverse Current Blocking
•
Built-In Soft Start
•
Ambient Temperature Range: –40°C to 85°C
•
UL Listed and CB-File No. E169910
2 Applications
•
USB Ports and Hubs, Laptops, and Desktops
•
High-Definition Digital TVs
•
Set-Top Boxes
•
Short-Circuit Protection
3 Description
The TPS20xxC and TPS20xxC-2 power-distribution
switch family is intended for applications, such as
USB, where heavy capacitive loads and short circuits
are likely to be encountered. This family offers
multiple devices with fixed current-limit thresholds for
applications from 0.5 A to 2 A.
The TPS20xxC and TPS20xxC-2 family limits the
output current to a safe level by operating in a
constant-current mode when the output load exceeds
the current limit threshold. This provides a predictable
fault current under all conditions. The fast overload
response time eases the burden on the main 5-V
supply to provide regulated power when the output is
shorted. The power-switch rise and fall times are
controlled to minimize current surges during turnon
and turnoff.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS20xxC,
TPS20xxC-2
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
MSOP-PowerPAD (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Diagram


Similar Part No. - TPS2041CDBVT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2041CDBVT TI1-TPS2041CDBVT Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
More results

Similar Description - TPS2041CDBVT.B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com