Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR43 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAR43
Description  Small signal Schottky diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAR43 Datasheet(HTML) 2 Page - STMicroelectronics

  BAR43 Datasheet HTML 1Page - STMicroelectronics BAR43 Datasheet HTML 2Page - STMicroelectronics BAR43 Datasheet HTML 3Page - STMicroelectronics BAR43 Datasheet HTML 4Page - STMicroelectronics BAR43 Datasheet HTML 5Page - STMicroelectronics BAR43 Datasheet HTML 6Page - STMicroelectronics BAR43 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
BAR42, BAR43
2/7
DocID3288 Rev 5
1
Characteristics
Table 2. Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VDRM
Repetitive peak off-state voltage
30
V
IF(AV)
Continuous forward current
0.1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
0.75
A
Ptot
Power dissipation(1)
1.
For double diodes, Ptot is the total dissipation of both diodes
Tamb = 25 °C
250
mW
Tstg
Maximum Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature(2)
2.
condition to avoid thermal runaway for a diode on its own heatsink.
150
°C
TL
Maximum temperature for soldering during 10 s
260
°C
Table 3. Thermal parameter
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
1.
Mounted on epoxy board with recommended pad layout.
500
°C/W
Table 4. Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown
voltage
Tj = 25 °C
IR = 100 µA
30
V
IR
(1)
1.
Pulse test: tp = 5 ms, δ < 2 %
Reverse leakage
current
Tj = 25 °C
VR = VRRM
500
nA
Tj = 100 °C
100
µA
VF
(2)
2.
Pulse test: tp = 380 µs, δ < 2 %
Forward voltage
drop
Tj = 25 °C
BAR42
IF = 10 mA
0.35
0.40
V
IF = 50 mA
0.50
0.65
BAR43
IF = 2 mA
0.26
0.33
IF = 15 mA
0.45
ALL
IF =100 mA
1
dPtot
dTj
<
1
Rth(j-a)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com