Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM324
Description  Wide range of supply voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM324 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM324 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM324 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM324 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM324 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM 324
Electrical Characteristics
(VCC=
5.0V V EE =GN D TA= 250C
unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input Offset
VIO
Vcc=5V to MAX,
Vic=VICR min,
25 0C
3
7
mV
Vo=1.4V
Full range
9
Input Offset Current
I IO
Vo=1.4V
25 0C
2
50
nA
Input Bias Current
IBIAS
Vo=1.4V
25
0C
-20
-250
nA
Common-mode input voltage range
VI(R)
Vcc=5V to MAX
25 0C
0
Vcc-1.5
V
High-level output voltage
Low-level output voltage
Large-signal differential voltage
VO(H)
VO(L)
AVD
Vcc=MAX,RL=2K
Ω
Vcc=MAX,RL=10K
Ω
RL=10K Ω
Vcc=15V,
Vo=1V to 11V
Full range
Full range
25 0
C
26
27
28
5
25
100
20
V
mV
V/mV
amplification
RL=2K
Ω
Full range
15
Common-Mode rejection ratio
KSVR Supply voltage rejection
ratio
Crosstalk attenuation
Output current
CMRR
PSRR
Vo1/Vo2
Io
Vcc=15V to MAX
VIC=VICR
min
Vcc=5V to MAX
f=1kHz to 20kHz
Vcc=15V,
VID = 1V, Vo=0
Vcc=15V,
25 0
C
25 0
C
25 0
C
25 0
C
Full range
25 0
C
65
80
65
100
120
-20
-30
-10
1 0
20
dB
dB
dB
mA
Short-circuit out put current
VID=-1V, Vo=0
VID=-1V, Vo=200mA
Ios
Vcc at 5V,
GND at –
5V, Vo=0
Full range
5
25 0
C
12
30
25 0C
+
- 40
+
- 60
mA
mA
Supply current (four amplifiers)
Icc
Vo=2.5V, No load
Vcc=MAX, Vo=
0.5Vcc, No load
Full
range
0.7
1.2
1.1
3
mA
*All characteristics are measured under open loop conditions with zero common-mode input voltageunless
otherwise specified. !MAX" Vcc for testing purposes is 30 V. full range is 0 0 C to 70
0 C
2
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com