Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1/4W Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # FR1/4W
Description  FIXED FUSIBLE RESISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

FR1/4W Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  FR1/4W Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
83
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Type
W
L1
dL2
PD
Characteristics
Performance
Remark
Power
Max. Open circuit
Resistance
Operating
Type
Rating(W)
Voltage(V)
Range
Temp. Range
E-24-J(
± 5%)
Type
DIMENSIONS(mm)
PW
H1
H
FRSERIES
FIXED FUSIBLE RESISTORS
FEATURES
• Provide an excellent fusing characteristic for CIRCUIT protection in
case of overload or component failure.
• Opening th circuit safety without burning and flaming at
a emergency overload due to make use of flame proof coating.
• Coating Color: Gray(FR 1/4W, 1/2W, 1W, 2W)
• Marking: Color Code
TAPING DIMENSIONS
W
L1
L2
L1
0.08Max
0.5Max
3.2Max
P
6
± 1
¿
¿
d
D
FR 1/4W
52
± 1.0
23
± 1.0
0.58
6.4
± 0.2
5.0
± 1.0
2.4
± 0.2
FRS 1/2W
52
± 1.0
23
± 1.0
0.58
6.4
± 0.2
5.0
± 1.0
2.4
± 0.2
FR 1/2W
52
± 1.0
21.5
± 1.0
0.70
9.0
± 0.4
5.0
± 1.0
3.3
± 0.2
FRS 1W
52
± 1.0
21.5
± 1.0
0.70
9.0
± 0.4
5.0
± 1.0
3.3
± 0.2
FR 1W
64
± 1.0
26
± 1.0
0.80
12.0
± 1.0
5.0
± 1.0
3.8
± 0.3
FR 2W
64
± 1.0
24
± 1.0
0.80
16.0
± 1.0
10.0
± 1.0
5.6
± 0.5
FRS 2W
64
± 1.0
26
± 1.0
0.80
12.0
± 1.0
5.0
± 1.0
4.3
± 0.3
FRS 3W
64
± 1.0
24
± 1.0
0.80
16.0
± 1.0
10.0
± 1.0
5.6
± 0.5
SPECIFICATIONS
HOW TO ORDER
DERATING CURVE
FR
1/2W
2E2
JTB
12
3
4
5
1. ABCO Code
2. Power Rating
3. Resistance
4. Tolerance(
±5% is standard)
5. Packing: TB is Tape & Ammo Box
Short Time Over Load
± (1%+0.05Ω)
Voltage Rating
× 2.5
5 Sec
Resistance To Soldering
± (1%+0.05Ω)
350
˚C / 3Sec
Load Life
± (5%+0.05Ω)
1000Hrs
<1Ω: P/PR = 25 Times
Fusing Characteristic
30 Sec max.
1
Ω: P/PR = 16 Times
<1Ω 60Sec max.
* P: Applied Power
PR: Power Rating
Residual Resistance
Over than 100 times of the nominal resistance
CHARACTERISTICS
100
80
60
40
20
0
-25
160
140
120
100
80
60
40
20
0
155
125
235
70
Ambient Temperature(˚C)
(1/4W, 1/2W)
(1W, 2W, 3W)
11Max
H1
H
D
12.7
± 1.0
16.5
± 1.0
16
± 1.0
ø4 ± 0.3
12.7
± 0.5
ø0.7 ± 0.05
5
± 0.8
± 2.5˚
D
Coating
W
P
3
± 0.5
20
± 1.0
3
± 0.5
6
± 0.5
6
± 1.0
SELF-STANDING LEAD TYPE
• M-FORMING TYPE
R-FORMING TYPE
FR 1/4W
0.25
250
FRS 1/2W
0.5
250
FR 1/2W
0.5
250
FRS 1W
1.0
300
FR 1W
1.0
300
0.22-1K
-25 ~ +155
˚C
FR 2W
2.0
300
FRS 2W
2.0
300
FRS 3W
3.0
300
FRS 2W R-J
12.7
±0.5 5 ± 0.5
16.5
±1.0 16.0±1.0
Unit: mm


Similar Part No. - FR1/4W

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FR1 MICROCHIP-FR1 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
First Components Intern...
FR10 FCI-FR10 Datasheet
117Kb / 2P
1.0 Amp FAST RECOVERY PLASTIC RECTIFIERS
logo
Formosa MS
FR10-005 FORMOSA-FR10-005 Datasheet
62Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
FR10-005 FRONTIER-FR10-005 Datasheet
126Kb / 2P
1A FAST RECOVERY PLASTIC RECTIFIER
FR10-005-LFR FRONTIER-FR10-005-LFR Datasheet
126Kb / 2P
1A FAST RECOVERY PLASTIC RECTIFIER
More results

Similar Description - FR1/4W

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WA84F WELWYN-WA84F Datasheet
76Kb / 2P
Fusible Wirewound Resistors
logo
KOA Speer Electronics, ...
RCR16C KOA-RCR16C Datasheet
84Kb / 4P
Fixed Resistors
logo
RCD COMPONENTS INC.
FC1206ER-1R00-FB RCD-FC1206ER-1R00-FB Datasheet
27Kb / 1P
FUSIBLE CHIP RESISTORS
logo
Bourns Electronic Solut...
PWR4522AS8R20JA BOURNS-PWR4522AS8R20JA Datasheet
222Kb / 2P
Fusible Power Resistors
FW10A7R50JA BOURNS-FW10A7R50JA Datasheet
669Kb / 4P
Fusible Power Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
Flame-Proof Fusible Resistors
logo
Welwyn Components Limit...
WA84F-15RJI WELWYN-WA84F-15RJI Datasheet
274Kb / 2P
Fusible Wirewound Resistors
logo
Bourns Electronic Solut...
FWXXA BOURNS-FWXXA Datasheet
598Kb / 4P
Fusible Power Resistors
logo
TT Electronics.
FCR TTELEC-FCR Datasheet
364Kb / 3P
Fusible Chip Resistors
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com