Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70W Datasheet(PDF) 1 Page - Multicomp Pro

Part # BAS70W
Description  Surface Mount Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BAS70W Datasheet(HTML) 1 Page - Multicomp Pro

  BAS70W Datasheet HTML 1Page - Multicomp Pro BAS70W Datasheet HTML 2Page - Multicomp Pro BAS70W Datasheet HTML 3Page - Multicomp Pro BAS70W Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
18/09/19
Surface Mount Barrier Diode
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Low turn-on voltage
• High breakdown voltage
• Guard ring protected
• Low capacitance
• Very small SMD package
Applications:
• High speed switching applications
Characteristic
Symbol
Value
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
V
RRM
V
RWM
V
R
70
V
Forward continuous current
I
F
70
mA
Non-repetitive peak forward surge current @ t
p=1μs
I
FS
100
mA
Power dissipation
P
D
200
mW
Junction temperature
T
J
150
°C
Storage temperature range
T
STG
-65 to +150
°C
Maximum Rating @ Ta=25°C (unless otherwise specified):
BAS70W
BAS70W-04
BAS70W-05
BAS70W-06


Similar Part No. - BAS70W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70W PHILIPS-BAS70W Datasheet
55Kb / 8P
Schottky barrier double diodes
1999 Mar 26
logo
STMicroelectronics
BAS70W STMICROELECTRONICS-BAS70W Datasheet
50Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
May-2000
logo
Siemens Semiconductor G...
BAS70W SIEMENS-BAS70W Datasheet
172Kb / 4P
Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Weitron Technology
BAS70W WEITRON-BAS70W Datasheet
502Kb / 3P
Surface Mount Schottky Barrier Diodes
More results

Similar Description - BAS70W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com