Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF1280T-331M Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF1280T-331M
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF1280T-331M Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF1280T-331M Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(m
Ω) Max
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
3.5
± 0.3
3.6
4.5
5.5
4.0
13.7MAX
ABCO
0R5
7.3
3.2
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L≤20% at rated current
• IDC2(The temperature rise): △T=40˚C at rated current
LPM1235 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-20 ~ +105˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPM1235T-0R5M
LPM1235T-0R8M
LPM1235T-1R0M
0.5
0.8
1.0
2.0
3.0
3.0
32
34
26
32
26
26
100
± 20
Ordering Code
Inductance
Inductance
Test Freq.
DC Resistance
(
µH)
TOL.(%)
(KHz)
(Ω)Max
7.9
± 0.2
1.8
± 0.2
5.4
2.9
7.0
8.0MAX
332
12.0
± 0.3
12.8
■ELECTRICAL CHARACTERISTICS
LPF1280 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
• Inductance: Agilent 4284A LCR Meter
(100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 20% at rated current
• IDC2(The temperature rise): △T = 40˚C at rated current
■TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE
LPF1280T-1R0M
LPF1280T-2R4M
LPF1280T-3R5M
LPF1280T-4R7M
LPF1280T-5R8M
LPF1280T-8R2M
LPF1280T-100M
LPF1280T-150M
LPF1280T-220M
LPF1280T-330M
LPF1280T-470M
LPF1280T-530M
LPF1280T-680M
LPF1280T-101M
LPF1280T-151M
LPF1280T-221M
LPF1280T-331M
LPF1280T-471M
LPF1280T-681M
LPF1280T-102M
LPF1280T-152M
LPF1280T-222M
1.0
2.4
3.5
4.7
5.8
8.2
10
15
22
33
47
53
68
100
150
220
330
470
680
1000
1500
2200
0.007
0.013
0.014
0.015
0.019
0.020
0.022
0.026
0.036
0.054
0.087
0.090
0.110
0.140
0.200
0.320
0.450
0.690
0.900
1.450
1.950
2.690
12.00
10.00
9.30
9.10
8.60
8.00
6.70
5.65
4.70
3.90
3.25
2.90
2.60
2.10
1.80
1.45
1.20
1.00
0.90
0.70
0.65
0.55
13.03
10.38
9.69
8.69
7.56
7.02
6.87
6.50
5.79
5.31
3.50
3.30
3.20
2.62
2.30
1.97
1.65
1.40
1.31
0.77
0.65
0.57
100
± 20
Rated Current[A]
IDC1
(Max.)
IDC2
(Ref)
26
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.


Similar Part No. - LPF1280T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF1280T-331M ABCO-LPF1280T-331M Datasheet
104Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF1280T-331M

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com