Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC-49/SM Datasheet(PDF) 7 Page - Multicomp Pro

Part # HC-49/SM
Description  Crystals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

HC-49/SM Datasheet(HTML) 7 Page - Multicomp Pro

  HC-49/SM Datasheet HTML 1Page - Multicomp Pro HC-49/SM Datasheet HTML 2Page - Multicomp Pro HC-49/SM Datasheet HTML 3Page - Multicomp Pro HC-49/SM Datasheet HTML 4Page - Multicomp Pro HC-49/SM Datasheet HTML 5Page - Multicomp Pro HC-49/SM Datasheet HTML 6Page - Multicomp Pro HC-49/SM Datasheet HTML 7Page - Multicomp Pro HC-49/SM Datasheet HTML 8Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page <7>
V1.0
09/12/19
Crystals
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Case
Frequency
(MHz)
Frequency
Tolerance
(PPM)
Temperature
Stability
(PPM)
Temperature
Range
60 = -10 to +60
70 = -20 to +70
Load
Capacitance
pf
00 = Series
Vibration
Mode
AT Cut
F = Fund
0.3 Overtone
Ant Part
Number
HC49S
4.433619
30
50
60
20
ATF
XTL-3026
HC49S
4.9152
30
50
70
30
ATF
XTL-3028
HC49S
6
30
50
60
30
ATF
XTL-3035
HC49S
7.3728
15
30
60
18
ATF
XTL-3039
HC49S
7.68
30
50
60
30
ATF
XTL-3042
HC49S
8
30
50
70
30
ATF
XTL-3044
HC49S
9.8304
30
50
60
30
ATF
XTL-3048
HC49S
10
30
50
70
30
ATF
XTL-3052
HC49S
11.0592
30
50
70
30
ATF
XTL-3060
HC49S
12
30
50
70
30
ATF
XTL-3064
HC49S
16
30
50
70
30
ATF
XTL-3069
HC49S
18.432
30
50
60
30
ATF
XTL-3074
HC49S
20
30
50
70
12
ATF
XTL-3078
HC49S
24
50
50
60
30
ATF
XTL-3085
DX-57
Features and Applications
• Communication Equipment, PDA’s, Wireless security systems
• Cost effective
• Surface mount
• Ultra thin ceramic package
• Height 1.4mm maximum
• Supplied taped and reeled
Diagram
Dimensions : Millimetres



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com