Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3665PVC-LP Datasheet(PDF) 58 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 58 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 54Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 55Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 56Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 57Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 58Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 62Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 57 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
8.5 Opamps
The CY8C58LP family of devices contain four general purpose
opamps.
Figure 8-7. Opamp
The opamp is uncommitted and can be configured as a gain
stage or voltage follower on external or internal signals.
See Figure 8-8. In any configuration, the input and output signals
can all be connected to the internal global signals and monitored
with an ADC, or comparator. The configurations are
implemented with switches between the signals and GPIO pins.
Figure 8-8. Opamp Configurations
The opamp has three speed modes, slow, medium, and fast. The
slow mode consumes the least amount of quiescent power and
the fast mode consumes the most power. The inputs are able to
swing rail-to-rail. The output swing is capable of rail-to-rail
operation at low current output, within 50 mV of the rails. When
driving high current loads (about 25 mA) the output voltage may
only get within 500 mV of the rails.
8.6 Programmable SC/CT Blocks
The CY8C58LP family of devices contains four switched
capacitor/continuous time (SC/CT) blocks. Each switched
capacitor/continuous time block is built around a single rail-to-rail
high bandwidth opamp.
Switched capacitor is a circuit design technique that uses
capacitors plus switches instead of resistors to create analog
functions. These circuits work by moving charge between
capacitors by opening and closing different switches.
Nonoverlapping in phase clock signals control the switches, so
that not all switches are ON simultaneously.
The PSoC Creator tool offers a user friendly interface, which
allows you to easily program the SC/CT blocks. Switch control
and clock phase control configuration is done by PSoC Creator
so users only need to determine the application use parameters
such as gain, amplifier polarity, VREF connection, and so on.
The same opamps and block interfaces are also connectable to
an array of resistors which allows the construction of a variety of
continuous time functions.
The opamp and resistor array is programmable to perform
various analog functions including
Naked Operational Amplifier - Continuous Mode
Unity-Gain Buffer - Continuous Mode
Programmable Gain Amplifier (PGA) - Continuous Mode
Transimpedance Amplifier (TIA) - Continuous Mode
Up/Down Mixer - Continuous Mode
Sample and Hold Mixer (NRZ S/H) - Switched Cap Mode
First Order Analog to Digital Modulator - Switched Cap Mode
8.6.1 Naked Opamp
The Naked Opamp presents both inputs and the output for
connection to internal or external signals. The opamp has a unity
gain bandwidth greater than 6.0 MHz and output drive current up
to 650 µA. This is sufficient for buffering internal signals (such as
DAC outputs) and driving external loads greater than 7.5 kohms.
8.6.2 Unity Gain
The Unity Gain buffer is a Naked Opamp with the output directly
connected to the inverting input for a gain of 1.00. It has a -3 dB
bandwidth greater than 6.0 MHz.
8.6.3 PGA
The PGA amplifies an external or internal signal. The PGA can
be configured to operate in inverting mode or noninverting mode.
The PGA function may be configured for both positive and
negative gains as high as 50 and 49 respectively. The gain is
adjusted by changing the values of R1 and R2 as illustrated in
Figure 8-9. The schematic in Figure 8-9 shows the configuration
and possible resistor settings for the PGA. The gain is switched
from inverting and non inverting by changing the shared select
value of the both the input muxes. The bandwidth for each gain
case is listed in Table 8-3.
Opamp
VREF
GPIO
GPIO
=
Analog Switch
GPIO
Analog
Global Bus
Analog
Internal Bus
Analog
Global Bus
Opamp
Vout to Pin
Vin
Vout to GPIO
Vp to GPIO
b) External Uncommitted
Opamp
a) Voltage Follower
Vout to Pin
Vp
Vn
To Internal Signals
c) Internal Uncommitted
Opamp
Vn to GPIO
GPIO Pin
Opamp
Opamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com