Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3665PVC-LP Datasheet(PDF) 117 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 117 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 113Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 114Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 115Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 116Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 117Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 118Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 119Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 120Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 121Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 116 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.7 Memory
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.7.1 Flash
11.7.2 EEPROM
Table 11-61. Flash DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
VDDD pin
1.71
–
5.5
V
Table 11-62. Flash AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TWRITE
Row write time (erase + program)
–
15
20
ms
TERASE
Row erase time
–
10
13
ms
Row program time
–
5
7
ms
TBULK
Bulk erase time (256 KB)
–
–
140
ms
Sector erase time (16 KB)
–
–
15
ms
TPROG
Total device programming time
No overhead[80]
–
5
7.5
seconds
Flash data retention time, retention
period measured from last erase cycle
Ambient temp. TA ≤ 55 °C,
100 K erase/program cycles
20
–
–
years
Ambient temp. TA ≤ 85 °C,
10 K erase/program cycles
10
–
–
Ambient temp. TA ≤ 105 °C,
10 K erase/program cycles,
≤ one year at TA ≥ 75 °C [80]
10
–
–
Table 11-63. EEPROM DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Erase and program voltage
1.71
–
5.5
V
Table 11-64. EEPROM AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
TWRITE
Single row erase/write cycle time
–
10
20
ms
EEPROM data retention time, retention
period measured from last erase cycle
Ambient temp, TA ≤ 25 °C,
1M erase/program cycles
20
–
–
years
Ambient temp, TA ≤ 55 °C,
100K erase/program cycles
20
–
–
Ambient temp. TA ≤ 85 °C,
10K erase/program cycles
10
–
–
Ambient temp. TA ≤ 105 °C,
10K erase/program cycles,
≤ one year at TA ≥75 °C
10
–
–
Note
80. See PSoC 5 Device Programming Specifications for a description of a low-overhead method of programming PSoC 5 flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com