Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3665PVC-LP Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # CY8C3665PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3665PVC-LP Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button CY8C3665PVC-LP Datasheet HTML 119Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 120Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 121Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 122Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 123Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 124Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 126Page - Infineon Technologies AG CY8C3665PVC-LP Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 122 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.8.5 SWD Interface
Figure 11-80. SWD Interface Timing
11.8.6 TPIU Interface
SW DIO
(PSoC input)
SW DCK
T_SW DI_setup
SW DIO
(PSoC output)
(1/f_SW DCK)
T_SW DI_hold
T_SW DO_valid
T_SW DO_hold
Table 11-77. SWD Interface AC Specifications[94]
Parameter
Description
Conditions
Min
Typ
Max
Units
f_SWDCK
SWDCLK frequency
3.3 V
≤ VDDD ≤ 5 V
–
–
12[95]
MHz
1.71 V
≤ VDDD < 3.3 V
–
–
7[95]
MHz
1.71 V
≤ VDDD < 3.3 V, SWD over
USBIO pins
––
5.5[95]
MHz
T_SWDI_setup SWDIO input setup before SWDCK high T = 1/f_SWDCK max
T/4
–
–
T_SWDI_hold
SWDIO input hold after SWDCK high
T = 1/f_SWDCK max
T/4
–
–
T_SWDO_valid SWDCK high to SWDIO output
T = 1/f_SWDCK max
–
–
T/2
T_SWDO_hold SWDIO output hold after SWDCK high T = 1/f_SWDCK max
1
––
ns
Table 11-78. TPIU Interface AC Specifications[94]
Parameter
Description
Conditions
Min
Typ
Max
Units
TRACEPORT (TRACECLK) frequency
–
–
33[96]
MHz
SWV bit rate
–
–
33[96]
Mbit
Notes
94. Based on device characterization (Not production tested).
95. f_SWDCK must also be no more than 1/3 CPU clock frequency.
96. TRACEPORT signal frequency and bit rate are limited by GPIO output frequency, see Table 11-9 on page 77.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com