Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33503443 Datasheet(PDF) 1 Page - Aptiv

Part # 33503443
Description  SICMA PANEL-THROUGH SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33503443 Datasheet(HTML) 1 Page - Aptiv

  33503443 Datasheet HTML 1Page - Aptiv 33503443 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2020 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Visit
aptiv.com
SICMA PANEL-THROUGH
SEALED SERIES
SICMA Panel-Through Sealed 14W
Female & Male
BENEFITS
• Compact size for a panel mount solution and
electrical link passing through a wall
• Circular through hole convenient for
implementation
FEATURES
• Pass-through bulk head type, mounted on a
metal panel sheet
• Door-to-body, cockpit-to-engine or
battery-to-inverter (HEV/EV) solution
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
14, 16, 24, 26*, 33, 34, 50
Cavity Configurations (mm)
0.64, 1.5, 2.8
Sealing Type
Mat Sealed
Material
PBT
Genders
Female, Male
Door-to-body connection
Firewall between cockpit and engine interconnection
Bulkhead for battery control in HV/EHV
See back page for representative part numbers and packaging dimensions.
* 26 Way female sealed housing mates with 29 Way male unsealed housing
(3 ways are neutralized).
TEMPERATURE
50 Way
50 Way
14, 16, 24, 26,
33, 34 Way
14, 16, 24, 26,
33, 34 Way
IP64
IP67
< 60 N
< 90 N
SEALING
PROTECTION
+125°C
-40°C
CONNECTOR
MATING FORCE
VIBRATION
2 G


Similar Part No. - 33503443

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
33503199141005 HARTING-33503199141005 Datasheet
503Kb / 2P
FB Hybrid PFT m/JSTfl st/- 0.5m
2021-12-11
logo
Aptiv
33503725 APTIV-33503725 Datasheet
759Kb / 2P
APEX® HALOGEN BULB
33503726 APTIV-33503726 Datasheet
759Kb / 2P
APEX® HALOGEN BULB
33503772 APTIV-33503772 Datasheet
905Kb / 2P
HDK 2.8 SEALED SERIES
logo
HARTING Technology Grou...
33503898141010 HARTING-33503898141010 Datasheet
518Kb / 2P
FB Hybrid PFT m/RJ45fl ang/- 1.0m
2021-12-11
More results

Similar Description - 33503443

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
Square Sealed Panel Control
logo
List of Unclassifed Man...
L675 ETC2-L675 Datasheet
159Kb / 1P
PANEL FUSEHOLDER BARRIER & PANEL SEALED
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
SMD & Through-hole Sealed Key Switch
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
Sealed, Front Panel Mounting
logo
List of Unclassifed Man...
59-213 ETC2-59-213 Datasheet
155Kb / 3P
MINIATURE METAL PANEL SEALED PUSHBUTTON
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
Sealed, Front Panel Mounting
logo
Kemet Corporation
M550B108M060AA KEMET-M550B108M060AA Datasheet
526Kb / 10P
Tantalum Through-Hole Capacitors ??Hermetically Sealed
logo
Rosenberger Hochfrequen...
08K641-KH0S3 ROSENBERGER-08K641-KH0S3 Datasheet
186Kb / 2P
PANEL ADAPTOR HERMETIC SEALED
02K641-KH0S3 ROSENBERGER-02K641-KH0S3 Datasheet
677Kb / 2P
PANEL ADAPTOR HERMETIC SEALED
logo
List of Unclassifed Man...
211CC2S2120 ETC-211CC2S2120 Datasheet
144Kb / 1P
SIcma 3 1.5x0.8 FEMALE TERMINAL
23/07/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com